Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 69 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 69 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 65Page - Intel Corporation S5000PAL Datasheet HTML 66Page - Intel Corporation S5000PAL Datasheet HTML 67Page - Intel Corporation S5000PAL Datasheet HTML 68Page - Intel Corporation S5000PAL Datasheet HTML 69Page - Intel Corporation S5000PAL Datasheet HTML 70Page - Intel Corporation S5000PAL Datasheet HTML 71Page - Intel Corporation S5000PAL Datasheet HTML 72Page - Intel Corporation S5000PAL Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
Power and Environmental Specifications
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
70
8.2
Server Board Power Requirements
This section provides power supply design guidelines for a system using the Intel® Server Board
S5000PAL / S5000XAL, including voltage and current specifications, and power supply on/off sequencing
characteristics. The following diagram shows the power distribution implemented on this server board.
Figure 25. Power Distribution Block Diagram
8.2.1
Processor Power Support
The server board supports the Thermal Design Point (TDP) guideline for Dual-Core Intel
® Xeon®
processors 5000 sequence. The Flexible Motherboard Guidelines (FMB) has also been followed to help
determine the suggested thermal and current design values for anticipating future processor needs. The
following table provides maximum values for Icc, TDP power and TCASE for the Dual-Core Intel
® Xeon®
processor 5000 sequence family.
Table 34. Dual-Core Intel
® Xeon® Processor 5000 Sequence TDP Guidelines per processor
TDP Power
Max TCASE
Icc MAX
130 W
70º C
150 A
Note:
These values are for reference only. The Dual-Core Intel
® Xeon® processor 5000 sequence
Datasheet
contains the actual specifications for the processor. If the values found in the Dual-Core Intel
®
Xeon
® processor 5000 sequence Datasheet are different than those published here, the Dual-Core Intel®
Xeon
® processor 5000 sequence Datasheet values will supersede these, and should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com