| Electronic Components Datasheet Search |
|
S5000PAL Datasheet(PDF) 26 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
S5000PAL Datasheet(HTML) 26 Page - Intel Corporation |
|
26 / 112 page ![]() Intel ® Server Board S5000PAL / S5000XAL TPS Functional Architecture Revision 1.7 Intel order number: D31979-010 27 a total read bandwidth of 21GB/s for four FB-DIMM channels. Thus, this provides 10.7 GB/s of write memory bandwidth for four FB-DIMM channels. The total bandwidth is based on read bandwidth thus the total bandwidth is 17 GB/s for 533 and 21.0 GB/s for 667. On the Intel® Server Board S5000PAL / S5000XAL, a pair of channels becomes a branch where Branch 0 consists of channels A and B, and Branch 1 consists of channels C and D. FBD memory channels are organized into two branches for support of RAID 1(mirroring). TP02299 DIMM D2 DIMM D1 DIMM C2 DIMM C1 DIMM B2 DIMM B1 DIMM A2 DIMM A1 Branch 0 MCH Channel A Channel B Channel D Channel C Branch 1 Figure 11. Memory Layout To boot the system, the system BIOS on the server board uses a dedicated I 2C bus to retrieve DIMM information needed to program the MCH memory registers. The following table provides the I 2C addresses for each DIMM slot. Table 1. I 2C Addresses for Memory Module SMB Device Address DIMM A1 0xA0 DIMM A2 0xA2 DIMM B1 0xA0 DIMM B2 0xA2 DIMM C1 0xA0 DIMM C2 0xA2 DIMM D1 0xA0 DIMM D2 0xA2 3.1.3.1 Memory RASUM Features i The MCH supports several memory RASUM (Reliability, Availability, Serviceability, Usability, and Manageability) features. These features include the Intel ® x4 Single Device Data Correction (Intel® x4 SDDC) for memory error detection and correction, Memory Scrubbing, Retry on Correctable Errors, Memory Built In Self Test, DIMM Sparing, and Memory Mirroring. See the Intel ® S5000 Series Chipsets Server Board Family Datasheet for more information describing these features. 3.1.3.2 Supported Memory The server board supports up to eight DDR2-533 or DDR2-667 Fully Buffered DIMMs (FBD memory). The following tables show the maximum memory configurations supported using the specified memory technology. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |