Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 28 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 28 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 24Page - Intel Corporation S5000PAL Datasheet HTML 25Page - Intel Corporation S5000PAL Datasheet HTML 26Page - Intel Corporation S5000PAL Datasheet HTML 27Page - Intel Corporation S5000PAL Datasheet HTML 28Page - Intel Corporation S5000PAL Datasheet HTML 29Page - Intel Corporation S5000PAL Datasheet HTML 30Page - Intel Corporation S5000PAL Datasheet HTML 31Page - Intel Corporation S5000PAL Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Functional Architecture
Revision 1.7
Intel order number: D31979-010
29
Y (0)
Y
Y (0)
Y
Y (0, 1)
Notes:
-
Single channel mode is only tested and supported with a 512MB x8 FBDIMM installed in DIMM
Slot A1.
-
The supported memory configurations must meet population rules defined above.
-
For best performance, the number of DIMMs installed should be balanced across both
memory branches. For Example: a four DIMM configuration will perform better than a two
DIMM configuration and should be installed in DIMM Slots A1, B1, C1, and D1. An eight
DIMM configuration will perform better then a six DIMM configuration.
-
Although mixed DIMM capacities between channels is supported, Intel does not validate DIMMs
in mixed DIMM configurations.
3.1.3.3.1
Minimum Non-Mirrored Mode Configuration
The server board is capable of supporting a minimum of one DIMM installed. However, for system
performance reasons, Intel’s recommendation is that at least 2 DIMMs be installed.
The following diagram shows the recommended minimum DIMM memory configuration. Populated DIMM
slots are shown in Grey.
TP02300
DIMM
D2
DIMM
D1
DIMM
C2
DIMM
C1
DIMM
B2
DIMM
B1
DIMM
A2
DIMM
A1
Branch 0
MCH
Channel A
Channel B
Channel D
Channel C
Branch 1
Figure 12. Recommended Minimum Two DIMM Memory Configuration
Note:
The server board supports single DIMM mode operation. Intel will only validate and support this
configuration with a single 512MB x8 FBDIMM installed in DIMM slot A1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com