Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 29 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 29 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 25Page - Intel Corporation S5000PAL Datasheet HTML 26Page - Intel Corporation S5000PAL Datasheet HTML 27Page - Intel Corporation S5000PAL Datasheet HTML 28Page - Intel Corporation S5000PAL Datasheet HTML 29Page - Intel Corporation S5000PAL Datasheet HTML 30Page - Intel Corporation S5000PAL Datasheet HTML 31Page - Intel Corporation S5000PAL Datasheet HTML 32Page - Intel Corporation S5000PAL Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
Functional Architecture
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
30
3.1.3.4
Non-mirrored mode memory upgrades
The minimum memory upgrade increment is two DIMMs per branch. The DIMMs must cover the same
slot position on both channels. DIMMs pairs must be identical with respect to size, speed, and
organization. DIMMs that cover adjacent slot positions do not need to be identical.
When adding two DIMMs to the configuration shown in Figure 12, the DIMMs should be populated in
DIMM slots C1 and D1 as shown in the following diagram. Populated DIMM slots are shown in Grey.
TP02301
DIMM
D2
DIMM
D1
DIMM
C2
DIMM
C1
DIMM
B2
DIMM
B1
DIMM
A2
DIMM
A1
Branch 0
MCH
Channel A
Channel B
Channel D
Channel C
Branch 1
Figure 13. Recommended Four DIMM Configuration
Functionally, DIMM slots A2 and B2 could also have been populated instead of DIMM slots C1 and D1.
However, your system will not achieve equivalent performance. Figure 13 shows the supported DIMM
configuration that is recommended because it allows both memory branches from the MCH to operate
independently and simultaneously. FBD bandwidth is doubled when both branches operate in parallel.
3.1.3.4.1
Mirrored Mode Memory Configuration
When operating in mirrored mode, both branches operate in lock step. In mirrored mode, branch 1
contains a replicate copy of the data in branch 0. The minimum DIMM configuration to support memory
mirroring is four DIMMs, populated as shown in Figure 13 above. All four DIMMs must be identical with
respect to size, speed, and organization.
To upgrade a four DIMM mirrored memory configuration, four additional DIMMs must be added to the
system. All four DIMMs in the second set must be identical to the first with the exception of speed. The
MCH will adjust to the lowest speed DIMM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com