Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 15 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 15 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 11Page - Intel Corporation S5000PAL Datasheet HTML 12Page - Intel Corporation S5000PAL Datasheet HTML 13Page - Intel Corporation S5000PAL Datasheet HTML 14Page - Intel Corporation S5000PAL Datasheet HTML 15Page - Intel Corporation S5000PAL Datasheet HTML 16Page - Intel Corporation S5000PAL Datasheet HTML 17Page - Intel Corporation S5000PAL Datasheet HTML 18Page - Intel Corporation S5000PAL Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
Product Overview
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
16
Description
Description
A
BIOS Bank Select Jumper
V
System Fan #2 Header
B
Intel
® ESB-2 IO Controller Hub
W
CPU Power Connector
C
IO Module Option Connector
X
Main Power Connector
D
POST Code Diagnostic LEDs
Y
Battery
E
Intel
® Adaptive Slot – Full Height
Z
Power Supply Management Connector
F
PCI Express* Riser Slot – Low Profile
AA
Dual Port USB 2.0 Header
G
System Identification LED - Blue
BB
System Fan #1 Header
H
External IO Connectors
CC
SSI 24-pin Control Panel Header
I
Status LED – Green / Amber
DD
SATA 0
J
Serial ‘B’ Port Configuration Jumper
EE
SATA 1
K
System Fan #4 Header
FF
SATA 2
L
System Fan #3 Header
GG
SATA 3
M
FBDIMM Slots
HH
SATA 4
N
Intel
® 5000P Memory Controller Hub (MCH) or
Intel
® 5000X Memory Controller Hub (MCH)
II
SATA 5
O
CPU #1 Connector
JJ
SATA SW RAID 5 Activation Key Connector
P
CPU #2 Connector
KK
Intel
® Remote Management Module (RMM)
Connector
Q
CPU #1 Fan Header
LL
System Recovery Jumper Block
R
Voltage Regulator Heat Sink
MM
Chassis Intrusion Switch Header
S
CPU #2 Fan Header
NN
3-pin IPMB Header
T
Bridge Board Connector
OO
Intel
® Local Control Panel Header
U
ATA-100 Optical Drive Connector (Power+IO)
PP
Serial ‘A’ Header
QQ
Intel
® RMM NIC Connector
Figure 1. Components & Connector Location Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com