Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 56 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 56 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 52Page - Intel Corporation S5000PAL Datasheet HTML 53Page - Intel Corporation S5000PAL Datasheet HTML 54Page - Intel Corporation S5000PAL Datasheet HTML 55Page - Intel Corporation S5000PAL Datasheet HTML 56Page - Intel Corporation S5000PAL Datasheet HTML 57Page - Intel Corporation S5000PAL Datasheet HTML 58Page - Intel Corporation S5000PAL Datasheet HTML 59Page - Intel Corporation S5000PAL Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Connector / Header Locations and Pin-outs
Revision 1.7
Intel order number: D31979-010
57
5.7.6
Serial Port Connectors
The server board provides one external RJ45 Serial ‘B’ port (J9A2) and one internal 9-pin Serial ‘A’ port
header (J1B1). The following tables define the pin-outs for each.
Table 26. External RJ-45 Serial ‘B’ Port Pin-out (J9A2)
Pin
Signal Name
Description
1
SPB_RTS
RTS (request to send)
2
SPB_DTR
DTR (Data terminal ready)
3
SPB_OUT_N
TXD (Transmit data)
4
GND
Ground
5
SPB_RI
RI (Ring Indicate)
6
SPB_SIN_N
RXD (receive data)
7
SPB_DSR _DCD
Data Set Ready / Data Carrier Detect 1
8
SPB_CTS
CTS (clear to send)
Note:
1 A jumper block on the server board will determine whether DSR or DCD is routed to pin 7. The
board will have the jumper block configured with DSR enabled at production.
Table 27. Internal 9-pin Serial ‘A’ Header Pin-out (J1B1)
Pin
Signal Name
Description
1
SPA_DCD
DCD (carrier detect)
2
SPA_DSR
DSR (data set ready)
3
SPA_SIN_L
RXD (receive data)
4
SPA_RTS
RTS (request to send)
5
SPA_SOUT_N
TXD (Transmit data)
6
SPA_CTS
CTS (clear to send)
7
SPA_DTR
DTR (Data terminal ready)
8
SPA_RI
RI (Ring Indicate)
9
GND
Ground
5.7.7
Keyboard and Mouse Connector
Two stacked PS/2 ports (J9A1) are provided to support both a keyboard and a mouse. Either PS/2 port
can support a mouse or keyboard. The following table details the pin-out of the PS/2 connector.
Table 28. Stacked PS/2 Keyboard and Mouse Port Pin-out (J9A1)
Pin
Signal Name
Description
1
KB_DATA_F
Keyboard Data
2
TP_PS2_2
Test point – keyboard
3
GND
Ground
4
P5V_KB_F
Keyboard / mouse power
5
KB_CLK_F
Keyboard Clock
6
TP_PS2_6
Test point – keyboard / mouse
7
MS_DAT_F
Mouse Data
8
TP_PS2_8
Test point – keyboard / mouse
9
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com