Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 99 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 99 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 95Page - Intel Corporation S5000PAL Datasheet HTML 96Page - Intel Corporation S5000PAL Datasheet HTML 97Page - Intel Corporation S5000PAL Datasheet HTML 98Page - Intel Corporation S5000PAL Datasheet HTML 99Page - Intel Corporation S5000PAL Datasheet HTML 100Page - Intel Corporation S5000PAL Datasheet HTML 101Page - Intel Corporation S5000PAL Datasheet HTML 102Page - Intel Corporation S5000PAL Datasheet HTML 103Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 112 page
background image
Appendix C: POST Code Diagnostic LEDs
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
100
Appendix C: POST Code Diagnostic LED Decoder
During the system boot process, BIOS executes a number of platform configuration processes, each of
which is assigned a specific hex POST code number. As each configuration routine is started, BIOS will
display the given POST code to the POST Code Diagnostic LEDs found on the back edge of the server
board. To assist in troubleshooting a system hang during the POST process, the Diagnostic LEDs can
be used to identify the last POST process to be executed.
Each POST code will be represented by a combination of colors from the four LEDs. The LEDs are
capable of displaying three colors: green, red, and amber. The POST codes are divided into two nibbles,
an upper nibble and a lower nibble. Each bit in the upper nibble is represented by a red LED and each bit
in the lower nibble is represented by a green LED. If both bits are set in the upper and lower nibbles then
both red and green LEDs are lit, resulting in an amber color. If both bits are clear, then the LED is off.
In the below example, BIOS sends a value of ACh to the diagnostic LED decoder. The LEDs are decoded
as follows:
•
red bits = 1010b = Ah
green bits = 1100b = Ch
Since the red bits correspond to the upper nibble and the green bits correspond to the lower nibble, the
two are concatenated to be ACh.
Table 44: POST Progress Code LED Example
8h
4h
2h
1h
LEDs
Red
Green
Red
Green
Red
Green
Red
Green
ACh
1
1
0
1
1
0
0
0
Result
Amber
Green
Red
Off
MSB
LSB
Figure 28. Diagnostic LED Placement Diagram
LSB
MSB
Diagnostic LEDs
Back edge of baseboard
USB Port
USB Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com