Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 103 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 103 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 99Page - Intel Corporation S5000PAL Datasheet HTML 100Page - Intel Corporation S5000PAL Datasheet HTML 101Page - Intel Corporation S5000PAL Datasheet HTML 102Page - Intel Corporation S5000PAL Datasheet HTML 103Page - Intel Corporation S5000PAL Datasheet HTML 104Page - Intel Corporation S5000PAL Datasheet HTML 105Page - Intel Corporation S5000PAL Datasheet HTML 106Page - Intel Corporation S5000PAL Datasheet HTML 107Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 112 page
background image
Appendix D: POST Error Messages and Handling
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
104
Appendix D: POST Error Messages and Handling
Whenever possible, the BIOS will output the current boot progress codes on the video screen. Progress
codes are 32-bit quantities plus optional data. The 32-bit numbers include class, subclass, and operation
information. The class and subclass fields point to the type of hardware that is being initialized. The
operation field represents the specific initialization activity. Based on the data bit availability to display
progress codes, a progress code can be customized to fit the data width. The higher the data bit, the
higher the granularity of information that can be sent on the progress port. The progress codes may be
reported by the system BIOS or option ROMs.
The Response section in the following table is divided into two types:
Pause:
The message is displayed in the Error Manager screen, an error is logged to the
SEL, and user input is required to continue. The user can take immediate corrective
action or choose to continue booting.
Halt:
The message is displayed in the Error Manager screen, an error is logged to the SEL,
and the system cannot boot unless the error is resolved. The user needs to replace the
faulty part and restart the system.
Table 46. POST Error Messages and Handling
Error Code
Error Message
Response
004C
Keyboard / interface error
Pause
0012
CMOS date / time not set
Pause
5220
Configuration cleared by jumper
Pause
5221
Passwords cleared by jumper
Pause
5223
Configuration default loaded
Pause
0048
Password check failed
Halt
0141
PCI resource conflict
Pause
0146
Insufficient memory to shadow PCI ROM
Pause
8110
Processor 01 internal error (IERR) on last boot
Pause
8111
Processor 02 internal error (IERR) on last boot
Pause
8120
Processor 01 thermal trip error on last boot
Pause
8121
Processor 02 thermal trip error on last boot
Pause
8130
Processor 01 disabled
Pause
8131
Processor 02 disabled
Pause
8160
Processor 01 unable to apply BIOS update
Pause
8161
Processor 02 unable to apply BIOS update
Pause
8190
Watchdog timer failed on last boot
Pause
8198
Operating system boot watchdog timer expired on last boot
Pause
0192
L3 cache size mismatch
Halt
0194
CPUID, processor family are different
Halt
0195
Front side bus mismatch
Pause
0197
Processor speeds mismatched
Pause
8300
Baseboard management controller failed self-test
Pause
8306
Front panel controller locked
Pause
8305
Hot swap controller failed
Pause
84F2
Baseboard management controller failed to respond
Pause
84F3
Baseboard management controller in update mode
Pause
84F4
Sensor data record empty
Pause



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com