Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 83 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 83 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 79Page - Intel Corporation S5000PAL Datasheet HTML 80Page - Intel Corporation S5000PAL Datasheet HTML 81Page - Intel Corporation S5000PAL Datasheet HTML 82Page - Intel Corporation S5000PAL Datasheet HTML 83Page - Intel Corporation S5000PAL Datasheet HTML 84Page - Intel Corporation S5000PAL Datasheet HTML 85Page - Intel Corporation S5000PAL Datasheet HTML 86Page - Intel Corporation S5000PAL Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
Appendix B: Sensor Tables
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
84
Appendix B: BMC Sensor Tables
This appendix lists the sensor identification numbers and information regarding the sensor type, name,
supported thresholds, assertion and de-assertion information, and a brief description of the sensor
purpose. See the Intelligent Platform Management Interface Specification, Version 1.5, for sensor and
event/reading-type table information.
Sensor Type
The Sensor Type references the values enumerated in the Sensor Type Codes table in the IPMI
specification. It provides the context in which to interpret the sensor, e.g., the physical entity or
characteristic that is represented by this sensor.
Event / Reading Type
The Event/Reading Type references values from the Event/Reading Type Code Ranges and
Generic Event/Reading Type Codes
tables in the IPMI specification. Note that digital sensors are
a specific type of discrete sensors, which have only two states.
Event Offset/Triggers
Event Thresholds are ‘supported event generating thresholds’ for threshold types of sensors.
o
[u,l][nr,c,nc]: upper non-recoverable, upper critical, upper non-critical, lower non-recoverable,
lower critical, lower non-critical
o
uc, lc: upper critical, lower critical
Event Triggers are ‘supported event generating offsets’ for discrete type sensors. The offsets can
be found in the Generic Event/Reading Type Codes or Sensor Type Codes tables in the IPMI
specification, depending on whether the sensor event/reading type is generic or a sensor specific
response.
Assertion / De-assertion Enables
Assertion and de-assertion indicators reveal the type of events the sensor can generate:
o
As: Assertions
o
De: De-assertion
Readable Value / Offsets
o
Readable Value indicates the type of value returned for threshold and other non-discrete type
sensors.
o
Readable Offsets indicate the offsets for discrete sensors that are readable via the Get
Sensor Reading
command. Unless otherwise indicated, all event triggers are readable, i.e.,
Readable Offsets
consists of the reading type offsets that do not generate events.
Event Data
This is the data that is included in an event message generated by the associated sensor. For
threshold-based sensors, the following abbreviations are used:
o
R: Reading value
o
T: Threshold value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com