Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 89 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 89 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 85Page - Intel Corporation S5000PAL Datasheet HTML 86Page - Intel Corporation S5000PAL Datasheet HTML 87Page - Intel Corporation S5000PAL Datasheet HTML 88Page - Intel Corporation S5000PAL Datasheet HTML 89Page - Intel Corporation S5000PAL Datasheet HTML 90Page - Intel Corporation S5000PAL Datasheet HTML 91Page - Intel Corporation S5000PAL Datasheet HTML 92Page - Intel Corporation S5000PAL Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 112 page
background image
Appendix B: Sensor Tables
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
90
Sensor
Name
Sensor
Number
System
Applica-
bility
Sensor Type
Event /
Reading
Type
Event Offset
Triggers
Criticality
Assert /
De-assert
Readable
Value /
Offsets
Event Data
Rearm
Standby
Fan 2
Present
61h
Chassis-
specific
Fan
04h
Generic
08h
Device present
OK
As and De
–
T
A
–
Fan 3
Present
62h
Chassis-
specific
Fan
04h
Generic
08h
Device present
OK
As and De
–
T
A
–
Fan 4
Present
63h
Chassis-
specific
Fan
04h
Generic
08h
Device present
OK
As and De
–
T
A
–
Fan 5
Present
64h
Chassis-
specific
Fan
04h
Generic
08h
Device present
OK
As and De
–
T
A
–
Fan 6
Present
65h
Chassis-
specific
Fan
04h
Generic
08h
Device present
OK
As and De
–
T
A
–
Fan 7
Present
66h
Chassis-
specific
Fan
04h
Generic
08h
Device present
OK
As and De
–
T
A
–
Fan 8
Present
67h
Chassis-
specific
Fan
04h
Generic
08h
Device present
OK
As and De
–
T
A
–
Fan 9
Present
68h
Chassis-
specific
Fan
04h
Generic
08h
Device present
OK
As and De
–
T
A
–
Fan 10
Present
69h
Chassis-
specific
Fan
04h
Generic
08h
Device present
OK
As and De
–
T
A
–
Redundancy
regained
OK
Redundancy
lost
Redundancy
degraded
Degraded
Non-red: suff
res from redund
Non-red: suff
from insuff
OK
Fan
Redun-
dancy
6Fh
Chassis-
specific
Fan
04h
Generic
0Bh
Non-red:
insufficient
Critical
As
–
Trig Offset
A
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com