Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5000PAL Datasheet(PDF) 24 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 24 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 20Page - Intel Corporation S5000PAL Datasheet HTML 21Page - Intel Corporation S5000PAL Datasheet HTML 22Page - Intel Corporation S5000PAL Datasheet HTML 23Page - Intel Corporation S5000PAL Datasheet HTML 24Page - Intel Corporation S5000PAL Datasheet HTML 25Page - Intel Corporation S5000PAL Datasheet HTML 26Page - Intel Corporation S5000PAL Datasheet HTML 27Page - Intel Corporation S5000PAL Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Functional Architecture
Revision 1.7
Intel order number: D31979-010
25
3.1
Intel
® 5000P and 5000X Memory Controller Hubs (MCH)
This section will describe the general functionality of the memory controller hub as it is implemented on
this server board. Depending on the version of the server board in use, it may support either the Intel
®
5000P MCH or the Intel
® 5000X MCH. Features that are unique to a particular MCH will be so referenced.
The Memory Controller Hub (MCH) is a single 1432 pin FCBGA package which includes the following
core platform functions:
•
System Bus Interface for the processor sub-system
•
Memory Controller
•
PCI Express* Ports including the Enterprise South Bridge Interface (ESI)
•
FBD Thermal Management
•
SMBUS Interface
Additional information about MCH functionality can be obtained from the Intel
® S5000 Series Chipsets
Server Board Family Datasheet,
the Intel
® 5000P Memory Controller Hub External Design Specification
(Yellow Cover), or the Intel
® 5000X Memory Controller Hub External Design Specification (Yellow Cover).
Note:
Yellow Cover documents can only be obtained under NDA with Intel and ordered through an Intel
representative.
3.1.1
System Bus Interface
The MCH is configured for symmetric multi-processing across two independent front side bus interfaces
that connect to the Dual-Core Intel
® Xeon® processors 5000 sequence. Each front side bus on the MCH
uses a 64-bit wide 1066 or 1333 MHz data bus. The 1333 MHz data bus is capable of transferring data at
up to 10.66 GB/s. The MCH supports a 36-bit wide address bus, capable of addressing up to 64 GB of
memory. The MCH is the priority agent for both front side bus interfaces, and is optimized for one
processor on each bus.
3.1.2
Processor Support
The server board supports the following processors:
• One or two Dual-Core Intel® Xeon® processors 5000 or 5100 sequence with a 677-, 1066-, or
1333-MHz front side bus.
• Up to two Quad-Core Intel® Xeon® processors 5300 sequence with a 1066- or 1333-MHz front
side bus.
• Up to two 45nm 2P Dual-Core Intel® Xeon® processors. Systems based on S5000PALR or
S5000XALR only.
• Up to two 45nm next generation Quad-Core Intel® Xeon® processors. Systems based on
S5000PALR or S5000XALR only.
Previous generations of the Intel
® Xeon® processor are not supported on the server board. See
http://support.intel.com/support/motherboards/server/s5000pal/ for a complete updated list of supported
processors. ( http://support.intel.com/support/motherboards/server/sb/CS-022346.htm/ is sub-directory of
above S5000PAL URL that reflects supported processor list)
Note:
Only Dual-Core Intel
® Xeon® processors 5000 sequence, that support system bus speeds of 667
MHz, 1066 MHz, and1333 MHz are supported on this server board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com