Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910G5AC/MC3433910G5AC
RESET
To reset a MCU the 33910 drives the RST pin low for the
time the reset condition lasts.
After the reset source is removed, the state machine will
drive the RST output low for at least 1.0 ms (typical value)
before driving it high.
In the 33910, four main reset sources exist:
5.0 V Regulator Low-voltage-Reset (VRSTTH)
The 5.0 V regulator output VDD is continuously monitored
against brown outs. If the supply monitor detects that the
voltage at the VDD pin has dropped below the reset threshold
VRSTTH the 33910 will issue a reset. In case of over-
temperature, the voltage regulator will be disabled and the
voltage monitoring will issue a VDDOT Flag independently of
the VDD voltage.
Window Watchdog Overflow
If the watchdog counter is not properly serviced while its
window is open, the 33910 will detect an MCU software run-
away and will reset the microcontroller.
Wake-up From Sleep Mode
During Sleep mode, the 5.0 V regulator is not active,
hence all wake-up requests from Sleep mode require a
power-up/reset sequence.
External Reset
The 33910 has a bidirectional reset pin which drives the
device to a safe state (same as Reset mode) for as long as
this pin is held low. The RST pin must be held low long
enough to pass the internal glitch filter and get recognized by
the internal reset circuit. This functionality is also active in
Stop mode.
After the RST pin is released, there is no extra tRST to be
considered.
WAKE-UP CAPABILITIES
Once entered into one of the low-power modes (Sleep or
Stop) only wake-up sources can bring the device into Normal
mode operation.
In Stop mode, a wake-up is signaled to the MCU as an
interrupt, while in Sleep mode the wake-up is performed by
activating the 5.0 V regulator and resetting the MCU. In both
cases the MCU can detect the wake-up source by accessing
the SPI registers and reading the Interrupt Source Register.
There is no specific SPI register bit to signal a CS wake-up or
external reset. If necessary this condition is detected by
excluding all other possible wake-up sources.
Wake-up from Wake-up input (L1) with cyclic sense
disabled
The wake-up line is dedicated to sense state changes of
external switch and wake-up the MCU (in Sleep or Stop
mode).
In order to select and activate direct wake-up from L1
input, the Wake-up Control Register (WUCR) must be
configured with appropriate L1WE input enabled or disabled.
The wake-up input’s state is read through the Wake-up
Status Register (WUSR).
L1 input is also used to perform cyclic-sense wake-up.
Note: Selecting an L1 input in the analog multiplexer
before entering low power mode will disable the wake-up
capability of the L1 input
Wake-up from Wake-up input (L1) with cyclic sense timer
enabled
The SBCLIN can wake-up at the end of a cyclic sense
period if on the wake-up input line (L1) a state change occurs.
One or both HSx switch can be activated in Sleep or Stop
modes from an internal timer. Cyclic sense and force wake-
up are exclusive. If cyclic sense is enabled, the force wake-
up can not be enabled.
In order to select and activate the cyclic sense wake-up
from the L1 input, before entering in low power modes (Stop
or Sleep modes), the following SPI set-up has to be
performed:
In WUCR: select the L1 input to WU-enable.
In HSCR: enable the desired HSx.
• In TIMCR: select the CS/WD bit and determine the
cyclic sense period with CYSTx bits.
• Perform Goto Sleep/Stop command.
Forced Wake-up
The 33910 can wake-up automatically after a
predetermined time spent in Sleep or Stop mode. Cyclic
sense and Forced wake-up are exclusive. If Forced wake-up
is enabled, the Cyclic Sense can not be enabled.
To determine the wake-up period, the following SPI set-up
has to be sent before entering in low power modes:
• In TIMCR: select the CS/WD bit and determine the low
power mode period with CYSTx bits.
• In HSCR: all HSx bits must be disabled.
CS Wake-up
While in Stop mode, a rising edge on the CS will cause a
wake-up. The CS wake-up does not generate an interrupt,
and is not reported on SPI.
LIN Wake-up
While in the low-power mode, the 33910 monitors the
activity on the LIN bus. A dominant pulse larger than tPROPWL
followed by a dominant to recessive transition will cause a
LIN wake-up. This behavior protects the system from a short
to ground bus condition. The bit RXONLY = 1 from LINCR
Register disables the LIN wake-up from Stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com