Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 78Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 79Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 80Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
82
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910BAC / MC34910BAC
High Side Control Register - HSCR
This register controls the operation of the high side drivers.
Writing to this register returns the High Side Status Register
(HSSR).
PWMHSx - PWM Input Control Enable
This write-only bit enables/disables the PWMIN input pin
to control the high side switch. The high side switch must be
enabled (HSx bit).
1 = PWMIN input controls HS1 output.
0 = HSx is controlled only by SPI.
HSx - High Side Switch Control.
This write-only bit enables/disables the high side switch.
1 = HSx switch on.
0 = HSx switch off.
High Side Status Register - HSSR
This register returns the status of the high side switch and
is also returned when writing to the HSCR.
High Side thermal shutdown
A thermal shutdown of the high side drivers is indicated by
setting the HSxOP and HSxCL bits simultaneously.
HSxOP - High Side Switch Open-Load Detection
This read-only bit signals that the high side switch is
conducting current below a certain threshold indicating
possible load disconnection.
1 = HSx Open Load detected (or thermal shutdown)
0 = Normal
HSxCL - High Side Current Limitation
This read-only bit indicates that the high side switch is
operating in current Limitation mode.
1 = HSx in current limitation (or thermal shutdown)
0 = Normal
Timing Control Register - TIMCR
This register is a double purpose register which allows to
configure the watchdog and the cyclic sense periods. Writing
to the TIMCR will also return the WDSR.
CS/WD - Cyclic Sense or Watchdog Prescaler Select.
This write-only bit selects which prescaler is being written
to, the cyclic sense prescaler or the watchdog prescaler.
1 = Cyclic Sense Prescaler selected
0 = Watchdog Prescaler select
WDx - Watchdog Prescaler
This write-only bits selects the divider for the watchdog
prescaler and therefore selects the watchdog period in
accordance with Table 50. This configuration is valid only if
windowing watchdog is active.
Table 50. Watchdog Prescaler
Table 47. High Side Control Register - $6
C3
C2
C1
C0
Write
PWMHS2
PWMHS1
HS2
HS1
Reset
Value
00
0
0
Reset
Condition
POR
POR, Reset mode, ext_reset, HSx
over-temp or (VSOV & HVSE)
Table 48. High Side Status Register - $6/$7
S3
S2
S1
S0
Read
HS2OP
HS2CL
HS1OP
HS1CL
Table 49. Timing Control Register - $A
C3
C2
C1
C0
Write
CS/WD
WD2
WD1
WD0
CYST2
CYST1
CYST0
Reset
Value
-
000
Reset
Condition
-POR
WD2
WD1
WD0
Prescaler Divider
0
0
0
1
0
0
1
2
0
1
0
4
0
1
1
6
1
0
0
8
1
0
1
10
1
1
0
12
1
1
1
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com