Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910G5AC/MC3433910G5AC
Watchdog Status Register - WDSR
This register returns the Watchdog status information and
is also returned when writing to the TIMCR.
WDTO - Watchdog Timeout
This read-only bit signals the last reset was caused by
either a watchdog timeout or by an attempt to clear the
Watchdog within the window closed.
Any access to this register or the Timing Control Register
(TIMCR) will clear the WDTO bit.
1 = Last reset caused by watchdog timeout
0 = None
WDERR - Watchdog Error
This read-only bit signals the detection of a missing
watchdog resistor. In this condition the watchdog is using the
internal, lower precision timebase. The Windowing function is
disabled.
1 = WDCONF pin resistor missing
0 = WDCONF pin resistor not floating
WDOFF - Watchdog Off
This read-only bit signals that the watchdog pin connected
to Ground and therefore disabled. In this case watchdog
timeouts are disabled and the device automatically enters
Normal mode out of Reset. This might be necessary for
software debugging and for programming the Flash memory.
1 = Watchdog is disabled
0 = Watchdog is enabled
WDWO - Watchdog Window Open
This read-only bit signals when the watchdog window is
open for clears. The purpose of this bit is for testing. Should
be ignored in case WDERR is High.
1 = Watchdog window open
0 = Watchdog window closed
Analog Multiplexer Control Register - MUXCR
This register controls the analog multiplexer and selects
the divider ration for the L1 input divider.
L1DS - L1 Analog Input Divider Select
This write-only bit selects the resistor divider for the L1
analog input. Voltage is internally clamped to VDD.
0 = L1 Analog divider: 1
1 = L1 Analog divider: 3.6 (typ.)
MXx - Analog Multiplexer Input Select
These write-only bits selects which analog input is
multiplexed to the ADOUT0 pin according to Table 26.
When disabled or when in Stop or Sleep mode, the output
buffer is not powered and the ADOUT0 output is left floating
to achieve lower current consumption.
Table 23. Cyclic Sense and Force Wake-up Interval
CYSX8(66)
CYST2
CYST1
CYST0
Interval
X
0
0
0
No cyclic sense(67)
0
0
0
1
20 ms
0
0
1
0
40 ms
0
0
1
1
60 ms
0
1
0
0
80 ms
0
1
0
1
100 ms
0
1
1
0
120 ms
0
1
1
1
140 ms
1
0
0
1
160 ms
1
0
1
0
320 ms
1
0
1
1
480 ms
1
1
0
0
640 ms
1
1
0
1
800 ms
1
1
1
0
960 ms
1
1
1
1
1120 ms
Notes
66.
bit CYSX8 is located in Configuration Register (CFR)
67.
No Cyclic Sense and no Force Wake-up available.
Table 24. Watchdog Status Register - $A/$B
S3
S2
S1
S0
Read
WDTO
WDERR
WDOFF
WDWO
Table 25. Analog Multiplexer Control Register -$C
C3
C2
C1
C0
Write
L1DS
MX2
MX1
MX0
Reset
Value
1
000
Reset
Condition
POR
POR, Reset mode or ext_reset
Table 26. Analog Multiplexer Channel Select
MX2
MX1
MX0
Meaning
0
0
0
Disabled
0
0
1
Reserved
0
1
0
Die Temperature Sensor
0
1
1
VSENSE input
1
0
0
L1 input
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com