Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
33910
FUNCTIONAL DEVICE OPERATIONS
MC33910G5AC/MC3433910G5AC
Table 30. Interrupt Sources
Interrupt Source
Priority
ISR3 ISR2 ISR1 ISR0
none maskable
maskable
0
0
0
0
no interrupt
no interrupt
none
0
0
0
1
L1 Wake-up from Stop and Sleep mode
-
highest
0
0
1
0
-
HS Interrupt (Over-temperature)
0
0
1
1
-
Reserved
0
1
0
0
LIN Wake-up
LIN Interrupt (RXSHORT, TXDOM, LIN OT)
0
1
0
1
Voltage Monitor Interrupt
(Low Voltage and VDD over-temperature)
Voltage Monitor Interrupt
(High Voltage)
0
1
1
0
Forced Wake-up
-
lowest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com