Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 76Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 77Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 78Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 79Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 80Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 81Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 82Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
80
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910BAC / MC34910BAC
MOD2, MOD1 - Mode Control Bits
These write-only bits select the Operating mode and allow
to clear the watchdog in accordance with Table 38 Mode
Control Bits.
Table 40. Mode Control Bits
Voltage Status Register - VSR
Returns the status of the several voltage monitors. This
register is also returned when writing to the MCR.
VSOV - VSUP Over-voltage
This read-only bit indicates an over-voltage condition on
the VS1 pin.
1 = Over-voltage condition.
0 = Normal condition.
VSUV - VSUP Under-voltage
This read-only bit indicates an under-voltage condition on
the VS1 pin.
1 = Under-voltage condition.
0 = Normal condition.
VDDOT - Main Voltage Regulator Over-temperature
Warning
This read-only bit indicates that the main voltage regulator
temperature reached the Over-Temperature Prewarning
Threshold.
1 = Over-temperature prewarning
0 = Normal
BATFAIL - Battery Fail Flag.
This read-only bit is set during power-up and indicates that
the 33910 had a power on reset (POR).
Any access to the MCR or voltage status register (VSR)
will clear the BATFAIL flag.
1 = POR Reset has occurred
0 = POR Reset has not occurred
Wake-up Control Register - WUCR
This register is used to control the digital wake-up input.
Writing the wake-up control register (WUCR) will return the
wake-up status register (WUSR).
Table 42. Wake-up Control Register - $2
L1WE - Wake-up Input Enable
This write-only bit enables/disables the L1 input. In Stop
and Sleep mode the L1WE bit activates the L1 input for wake-
up. If the L1 input is selected on the analog multiplexer, the
L1WE is masked to 0.
1 = Wake-up Input enabled.
0 = Wake-up Input disabled.
Wake-up Status Register - WUSR
This register is used to monitor the digital wake-up inputs
and is also returned when writing to the wake-up control
register (WUCR).
L1 - Wake-up input
This read-only bit indicates the status of the L1 input. If the
L1 input is not enabled then the wake-up status will return 0.
After a wake-up form Stop or Sleep mode this bit also
allows to verify the L1 input has caused the wake-up, by first
reading the interrupt status register (ISR) and then reading
the wake-up status register (WUSR).
1 = L1 Wake-up.
0 = L1 Wake-up disabled or selected as analog input.
MOD2
MOD1
Description
0
0
Normal Mode
0
1
Stop Mode
1
0
Sleep Mode
1
1
Normal Mode + watchdog Clear
Table 41. Voltage Status Register - $0/$1
S3
S2
S1
S0
Read
VSOV
VSUV
VDDOT
BATFAIL
C3
C2
C1
C0
Write
0
0
0
L1WE
Reset
Value
1111
Reset
Condition
POR, Reset mode or ext_reset
Table 43. Wake-up Status Register - $2/$3
S3
S2
S1
S0
Read
---
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com