Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 51Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Analog Integrated Circuit Device Data
55
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MC33910BAC / MC34910BAC
RST INPUT/OUTPUT PIN (RST)
VDD Low Voltage Reset Threshold
VRSTTH
4.3
4.5
4.7
V
Low-State Output Voltage
IOUT = 1.5 mA; 3.5 V ≤ VSUP ≤ 27 V
VOL
0.0
–
0.9
V
High-state Output Current (0 < VOUT < 3.5 V)
IOH
-150
-250
-350
µA
Pull-down Current Limitation (internally limited)
VOUT = VDD
IPD_MAX
1.5
–
8.0
mA
Low-state Input Voltage
VIL
-0.3
–
0.3 x VDD
V
High-state Input Voltage
VIH
0.7 x VDD
–
VDD + 0.3
V
MISO SPI OUTPUT PIN (MISO)
Low-state Output Voltage
IOUT = 1.5 mA
VOL
0.0
–
1.0
V
High-state Output Voltage
IOUT = -250 µA
VOH
VDD - 0.9
–
VDD
V
Tri-state Leakage Current
0 V
≤ VMISO ≤ VDD
ITRIMISO
-10
–
10
µA
SPI INPUT PINS (MOSI, SCLK, CS)
Low-state Input Voltage
VIL
-0.3
–
0.3 x VDD
V
High-state Input Voltage
VIH
0.7 x VDD
–
VDD + 0.3
V
MOSI, SCLK Input Current
0 V
≤ VIN ≤ VDD
IIN
-10
–
10
µA
CS Pull-up current
0 V < VIN < 3.5 V
IPUCS
10
20
30
µA
INTERRUPT OUTPUT PIN
(IRQ)
Low-state Output Voltage
IOUT = 1.5 mA
VOL
0.0
–
0.8
V
High-state Output Voltage
IOUT = -250 µA
VOH
VDD - 0.8
–
VDD
V
Leakage current
VDD ≤ VOUT ≤ 10 V
VOH
–
–
2.0
mA
PULSE WIDTH MODULATION INPUT PIN (PWMIN)
Low-state Input Voltage
VIL
-0.3
–
0.3 x VDD
V
High-state Input Voltage
VIH
0.7 x VDD
–
VDD + 0.3
V
Pull-up current
0 V < VIN < 3.5 V
IPUPWMIN
10
20
30
µA
Table 33. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com