Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33910
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MC33910G5AC/MC3433910G5AC
HIGH SIDE OUTPUTS HS1 AND HS2 PINS (HS1, HS2)
Output Drain-to-Source On Resistance
TJ = 25°C, ILOAD = 50 mA; VSUP > 9.0 V
TJ = 150°C, ILOAD = 50 mA; VSUP > 9.0 V(25)
TJ = 150°C, ILOAD = 30 mA; 5.5 V < VSUP < 9.0 V(25)
RDS(ON)
–
–
–
–
–
–
7.0
10
14
Ω
Output Current Limitation(26)
0 V < VOUT < VSUP - 2.0 V
ILIMHSX
60
90
250
mA
Open Load Current Detection(27)
IOLHSX
–
5.0
7.5
mA
Leakage Current
-0.2 V < VHSX < VS2 + 0.2 V
ILEAK
–
–
10
µA
Short-circuit Detection Threshold(28)
5.5 V < VSUP < 27 V
VTHSC
VSUP -2.0
–
–
V
Over-temperature Shutdown(29), (30)
THSSD
140
160
180
°C
Over-temperature Shutdown Hysteresis(30)
THSSD_HYS
–
10
–
°C
L1 INPUT PIN (L1)
Low Detection Threshold(31)
5.5 V < VSUP < 27 V
VTHL
2.0
2.5
3.0
V
High Detection Threshold(31)
5.5 V < VSUP < 27 V
VTHH
3.0
3.5
4.0
V
Hysteresis(31)
5.5 V < VSUP < 27 V
VHYS
0.4
0.8
1.4
V
Input Current(32)
-0.2 V < VIN < VS1
IIN
-10
–
10
µA
Analog Input Impedance(33)
RL1IN
800
1300
2000
k
Ω
Analog Input Divider Ratio (RATIOL1 = VL1 / VADOUT0)
L1DS (L1 Divider Select) = 0
L1DS (L1 Divider Select) = 1
RATIOL1
0.95
3.42
1.0
3.6
1.05
3.78
Analog Output offset Ratio
L1DS (L1 Divider Select) = 0
L1DS (L1 Divider Select) = 1
VRATIOL1-
OFFSET
-80
-22
6.0
2.0
80
22
mV
Analog Inputs Matching
L1DS (L1 Divider Select) = 0
L1DS (L1 Divider Select) = 1
L1MATCHING
96
96
100
100
104
104
%
Notes
25.
This parameter is production tested up to TA = 125°C, and guaranteed by process monitoring up to TJ = 150°C.
26.
When over-current occurs, the corresponding high side stays ON with limited current capability and the HSxCL flag is set in the HSSR
.
27.
When open load occurs, the flag (HSxOP) is set in the HSSR
.
28.
HS automatically shutdown if HSOT occurs or if the HVSE flag is enabled and an over-voltage occurs.
29.
When over-temperature shutdown occurs, both high sides are turned off. All flags in HSSR are set.
30.
Guaranteed by characterization but not production tested
31.
If L1 pin is unused it must be connected to ground.
32.
Analog multiplexer input disconnected from L1 input pin.
33.
Analog multiplexer input connected to L1 input pin.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com