Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33910
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
MC33910G5AC/MC3433910G5AC
L1 INPUT
L1 Filter Time Deglitcher(44)
tWUF
8.0
20
38
μs
STATE MACHINE TIMING
Delay Between CS LOW-to-HIGH Transition (at End of SPI Stop Command)
and Stop Mode Activation(44)
tSTOP
–
–
5.0
μs
Normal Request Mode Timeout (see Figure 12
)
tNRTOUT
110
150
205
ms
Cyclic Sense ON Time from Stop and Sleep Mode(45)
TON
130
200
270
µs
Cyclic Sense Accuracy(44)
-35
+35
%
Delay Between SPI Command and HS Turn On(46)
9.0 V < VSUP < 27 V
tS-ON
–
–
10
μs
Delay Between SPI Command and HS Turn Off(46)
9.0 V < VSUP < 27 V
tS-OFF
–
–
10
μs
Delay Between Normal Request and Normal Mode After a Watchdog Trigger
Command (Normal Request Mode)(44)
tSNR2N
–
–
10
μs
Delay Between CS Wake-up (CS LOW to HIGH) in Stop Mode and:
Normal Request mode, VDD ON and RST HIGH
First Accepted SPI Command
tWUCS
tWUSPI
9.0
90
15
—
80
N/A
μs
Minimum Time Between Rising and Falling Edge on the CS
t2CS
4.0
—
—
μs
J2602 DEGLITCHER
VSUP Deglitcher(47)
(DIS_J2602 = 0)
tJ2602_DEG
35
50
70
μs
Notes
44.
This parameter is guaranteed by process monitoring but not production tested.
45.
This parameter is 100% tested on an Automatic Tester. However, since it has not been monitored during reliability stresses, Freescale
does not guarantee this parameter during the product's life time.
46.
Delay between turn on or off command (rising edge on CS) and HS ON or OFF, excluding rise or fall time due to external load.
47.
This parameter has not been monitoring during operating life test.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33910 and -40°C ≤ TA ≤ 85°C for the
34910, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com