Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33910
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MC33910G5AC/MC3433910G5AC
LOGIC COMMANDS AND REGISTERS
33910 SPI INTERFACE AND CONFIGURATION
The serial peripheral interface creates the communication
link between a microcontroller (master) and the 33910.
The interface consists of four pins (see Figure 19):
• CS—Chip Select
•MOSI—Master-out Slave-in
•MISO—Master-in Slave-out
•SCLK—Serial Clock
A complete data transfer via the SPI consists of 1 byte.
The master sends 4 bits of address (A3:A0) + 4 bits of control
information (C3:C0) and the slave replies with 4 system
status bits (VMS,LINS,HSS,n.d.) + 4 bits of status information
(S3:S0).
Figure 19. SPI Protocol
During the inactive phase of the CS (HIGH), the new data
transfer is prepared.
The falling edge of the CS indicates the start of a new data
transfer and puts the MISO in the low-impedance state and
latches the analog status data (Register read data).
With the rising edge of the SPI clock (SCLK), the data is
moved to MISO/MOSI pins. With the falling edge of the SPI
clock (SCLK), the data is sampled by the receiver.
The data transfer is only valid if exactly 8 sample clock
edges are present during the active (low) phase of CS.
The rising edge of the Chip Select CS indicates the end of
the transfer and latches the write data (MOSI) into the
register. The CS high forces MISO to the high-impedance
state.
Register reset values are described along with the reset
condition. Reset condition is the condition causing the bit to
be set to its reset value. The main reset conditions are:
- Power-On Reset (POR): the level at which the logic is
reset and BATFAIL flag sets.
- Reset mode
- Reset done by the RST pin (ext_reset)
CS
MOSI
MISO
SCLK
A2
A1
A0
C3
C2
C1
C0
A3
VMS LINS HSS
-
S3
S2
S1
S0
Read Data Latch
Rising: 33910 changes MISO/
MCU changes MOSI
Falling: 33910 samples MOSI/
MCU samples MISO
Write Data Latch
Register Write Data
Register Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com