Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910G5AC/MC3433910G5AC
Table 7. Fault Detection Management Conditions
BLOCK
FAULT
MODE
CONDITION
FALLOUT
RECOVERY
MONITORING(64)
REG (FLAG,
BIT)
INTERRUPT
Power Supply
BATTERY FAIL
All modes
VSUP<3.0 V (typ)
then power-up
-
Condition gone
VSR (BATFAIL, 0)
-
VSUP OVER-
VOLTAGE
Normal, Normal
Request
VSUP > 19.25 V (typ)
In Normal mode, HS
shutdown if bit
HVSE=1 (reg MCR)
Condition gone, to
re-enable HS write to
HSCR registers
VSR (VSOV,3)
IRQ low +
ISR (0101)(65)
VSUP UNDER-
VOLTAGE
VSUP < 6.0 V (typ)
-
Condition gone
VSR (VSUV,2)
IRQ low + ISR
(0101)
VDD UNDER-
VOLTAGE
All except Sleep
VDD < 4.5 V (typ)
Reset (63)
-
-
VDD OVER-TEMP
PREWARNING
All except Low
Power modes
Temperature >
115°C (typ)
-
VSR (VDDOT,1)
IRQ low + ISR
(0101)
VDD OVER-
TEMPERATURE
Temperature >
170°C (typ)
VDD shutdown,
Reset then Sleep
-
-
LIN
RXD PIN SHORT
CIRCUIT
Normal, Normal
Request
RXD pin shorted to
GND or 5 V
LIN trans shutdown
LIN transmitter re-
enabled once the
condition is gone and
TXD is high
LINSR,
(RXSHORT,3)
IRQ low + ISR
(0100)(65)
TXD PIN
PERMANENT
DOMINANT
TXD pin low for more
than 1s (typ)
LIN transmitter
shutdown
LINSR (TXDOM,2)
LIN DRIVER OVER-
TEMPERATURE
Temperature >
160°C (typ)
LINSR (LINOT,1)
High Side
HIGH SIDE DRIVERS
OVER-
TEMPERATURE
Normal, Normal
Request
Temperature >
160°C (typ)
Both HS thermal
shutdown
Condition gone, to
re-enable HS write to
HSCR reg
All flags in HSSR
are set
IRQ low + ISR
(0010) (65)
HS1 OPEN-LOAD
DETECTION
Current through HSx
< 5.0 mA (typ)
-
Condition gone
HSSR (HS1OP,1)
-
HS2 OPEN-LOAD
DETECTION
HSSR (HS2OP,3)
HS1 OVER-
CURRENT
Current through HSx
tends to rise above
the current limit
60 mA (min)
HSx on with limited
current capability
60 mA (min)
HSSR (HS1CL,0)
HS2 OVER-
CURRENT
HSSR (HS2CL,2)
Watchdog
NORMAL REQUEST
TIME-OUT EXPIRED
Normal Request
The MCU did not
command the device
to Normal mode
within the 150 ms
timeout after reset
Reset
-
-
-
WATCHDOG
TIMEOUT
Normal
WD timeout or WD
clear within the
window closed
Reset
WDSR (WDTO, 3)
WATCHDOG ERROR
Normal
WDCONF pin is
floating
WD internal lower
precision timebase
150 ms (typ)
Connect WDCONF
to a resistor or to
GND
WDSR (WDERR, 2)
Notes
63.
When in Reset mode a VDD under-voltage condition combined with no VSUP under-voltage (VSUV=0) will send the device to Sleep mode.
64.
Registers to be read when back in Normal Request or Normal mode depending on the fault. Interrupts only generated in Normal, Normal Request and Stop modes
65.
Unless masked, If masked IRQ remains high and the ISR flags are not set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com