Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33910 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 33910
Description  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 69Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 70Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 72Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 73Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 74Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 75Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 76Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
Analog Integrated Circuit Device Data
73
Freescale Semiconductor
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910BAC / MC34910BAC
WINDOW WATCHDOG
The 33910 includes a configurable window watchdog
which is active in Normal mode. The watchdog can be
configured by an external resistor connected to the WDCONF
pin. The resistor is used to achieve higher precision in the
timebase used for the watchdog.
SPI clears are performed by writing through the SPI in the
MOD bits of the MCR.
During the first half of the SPI timeout watchdog clears are
not allowed; but after the first half of the PSPI-timeout window
the clear operation opens. If a clear operation is performed
outside the window, the 33910 will reset the MCU, in the
same way as when the watchdog overflows.
Figure 37. Window Watchdog Operation
To disable the watchdog function in Normal mode the user
must connect the WDCONF pin to ground. This measure
effectively disables Normal Request mode. The WDOFF bit
in the WDSR will be set. This condition is only detected
during Reset mode.
If neither a resistor nor a connection to ground is detected,
the watchdog falls back to the internal lower precision
timebase of 150 ms (typ.) and signals the faulty condition
through the WDSR.
The watchdog timebase can be further divided by a
prescaler which can be configured by the TIMCR. During
Normal Request mode, the window watchdog is not active
but there is a 150 ms (typ.) timeout for leaving the Normal
Request mode. In case of a timeout, the 33910 will enter into
Reset mode, resetting the microcontroller before entering
again into Normal Request mode.
HIGH SIDE OUTPUT PINS HS1 AND HS2
These outputs are two high side drivers intended to drive
small resistive loads or LEDs incorporating the following
features:
• PWM capability (software maskable)
• Open load detection
• Current limitation
• Over-temperature shutdown (with maskable interrupt)
• High-voltage shutdown (software maskable)
• Cyclic sense
The high side switches are controlled by the bits HS1:2 in
the High Side Control Register (HSCR).
PWM Capability (direct access)
Each high side driver offers additional (to the SPI control)
direct control via the PWMIN pin.
If both the bits HS1 and PWMHS1 are set in the High Side
Control Register (HSCR), then the HS1 driver is turned on if
the PWMIN pin is high and turned of if the PWMIN pin is low.
This applies to HS2 configuring HS2 and PWMHS2 bits.
WD PERIOD (tPWD)
WINDOW CLOSED
NO WATCHDOG CLEAR
ALLOWED
WINDOW OPEN
FOR WATCHDOG
CLEAR
WD TIMING X 50%
WD TIMING X 50%
WD TIMING SELECTED BY REGISTER
ON WDCONF PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com