Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 31Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 32Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 33Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 34Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 35Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 36Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 37Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 38Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 35 of 68
18. Low Voltage Detect Control
Table 18-1. Low Voltage Control Register (LVDCR) [0x1E3] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
PORLEV[1:0]
Reserved
VM[2:0]
Read/Write
R/W
R/W
–R/W
R/W
R/W
Default
0
0
0
0
00
0
0
This register controls the configuration of the Power on Reset/Low voltage Detection circuit. This register can only be accessed
in the second bank of I/O space. This requires setting the XIO bit in the CPU flags register.
Bits 7:6
Reserved
Bits 5:4
PORLEV[1:0]
This field controls the level below which the precision power on reset (PPOR) detector generates a reset
0 0 = 2.7V Range (trip near 2.6V)
0 1 = 3V Range (trip near 2.9V)
1 0 = Reserved
1 1 = PPOR does not generate a reset, but values read from the Voltage Monitor Comparators Register (Table
18-2 on page 36) give the internal PPOR comparator state with trip point set to the 3V range setting.
Bit 3
Reserved
Bits 2:0
VM[2:0]
This field controls the level below which the low voltage-detect trips—possibly generating an interrupt and the
level at which the Flash is enabled for operation.
VM[2:0]
LVD Trip Point Typ. (V)
000
2.7
001
2.92
010
3.02
011
3.13
100
101
110
111
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com