Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 50Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 51Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 52Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 53Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 54Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 55Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 56Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 57Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 54 of 68
Table 21-7. Interrupt Mask 1 (INT_MSK1) [0xE1] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Prog Interval
Timer
Int Enable
1 ms Timer
Int Enable
Reserved
Read/Write
R/W
R/W
R/W
––
Default
0
0
0
0
00
0
0
Bit 7
Reserved
Bit 6
Prog Interval Timer Interrupt Enable
0 = Mask Prog Interval Timer interrupt
1 = Unmask Prog Interval Timer interrupt
Bit 5
1 ms Timer Interrupt Enable
0 = Mask 1 ms interrupt
1 = Unmask 1 ms interrupt
Bit 4:0
Reserved
Table 21-8. Interrupt Mask 0 (INT_MSK0) [0xE0] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
GPIO Port 1
Int Enable
Sleep Timer
Int Enable
INT1
Int Enable
GPIO Port 0
Int Enable
SPI Receive
Int Enable
SPI Transmit
Int Enable
Reserved
POR/LVD
Int Enable
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
00
0
0
Bit 7
GPIO Port 1 Interrupt Enable
0 = Mask GPIO Port 1 interrupt
1 = Unmask GPIO Port 1 interrupt
Bit 6
Sleep Timer Interrupt Enable
0 = Mask Sleep Timer interrupt
1 = Unmask Sleep Timer interrupt
Bit 5
INT1 Interrupt Enable
0 = Mask INT1 interrupt
1 = Unmask INT1 interrupt
Bit 4
GPIO Port 0 Interrupt Enable
0 = Mask GPIO Port 0 interrupt
1 = Unmask GPIO Port 0 interrupt
Bit 3
SPI Receive Interrupt Enable
0 = Mask SPI Receive interrupt
1 = Unmask SPI Receive interrupt
Bit 2
SPI Transmit Enable
0 = Mask SPI Transmit interrupt
1 = Unmask SPI Transmit interrupt
Bit 1
Reserved
Bit 0
POR/LVD Interrupt Enable
0 = Mask POR/LVD interrupt
1 = Unmask POR/LVD interrupt
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com