Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 36Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 37Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 38Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 39Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 40Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 41Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 42Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 43Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 40 of 68
Bit 7
Reserved
Bit 6
see Section 19.2.1
Bit 5
see Section 19.2.2
Bit 4
Reserved
Bit 3
Reserved
Bit 2
Reserved
Bit 1
0 = disables the 5K ohm pull up resistors
1 = enables 5K ohm pull up resistors for both
P1.0 and P1.1 (this is not compatible with USB)
Bit 7
Reserved
Bit 6
see Section 19.2.1
Bit 5
see Section 19.2.2
Bit 4
Reserved
Bit 3
Reserved
Bit 2
see Section 19.2.5
Bit 1
Reserved
Bit 0
see Section 19.2.7
Table 19-7. P1.0 Configuration (P10CR) [0x0D] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
Reserved
Reserved
Reserved
5K pullup
Enable
Output
enable
Read/Write
R/W
R/W
R/W
-
-
-
R/W
R/W
Default
000
0
000
0
This register controls the operation of the P1.0 pin.
Note The P1.0 is an open drain only output. It can actively drive a signal low, but cannot actively drive a signal high.
Bit 0 This bit enables the output on P1.0. This bit must be cleared in sleep mode.
Table 19-8. P1.1 Configuration (P11CR) [0x0E] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
Reserved
Open Drain
Reserved
Output
Enable
Read/Write
R/W
R/W
–R/W
R/W
Default
00000000
This register controls the operation of the P1.1 pin.
The pull up resistor on this pin is enabled by the P10CR Register.
Note There is no 2 mA sourcing capability on this pin. The pin can only sink 5 mA at VOL3 section.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com