Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 38Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 39Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 40Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 41Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 42Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 43Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 44Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 45Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 42 of 68
Table 19-11. P1.4–P1.6 Configuration (P14CR–P16CR) [0x11–0x13] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
SPI Use
Int Enable
Int Act Low
Reserved
High Sink
Open Drain
Pull up
Enable
Output
Enable
Read/Write
R/W
R/W
R/W
–R/W
R/W
R/W
R/W
Default
0
0
0
000
0
0
These registers control the operation of pins P1.4–P1.6, respectively.
The P1.4–P1.6 GPIO’s threshold is always set to TTL.
When the SPI hardware is enabled, pins that are configured as SPI Use have their output enable and output state controlled by
the SPI circuitry. When the SPI hardware is disabled or a pin has its SPI Use bit clear, the pin is controlled by the Output Enable
bit and the corresponding bit in the P1 data register.
Regardless of whether any pin is used as an SPI or GPIO pin the Int Enable, Int act Low, High Sink, Open Drain, and Pull up
Enable control the behavior of the pin.
The 50 mA sink drive capability is only available in the CY7C602xx. In the CY7C601xx, only 8 mA sink drive capability is available
on this pin regardless of the setting of the High Sink bit.
Bit 7
SPI Use
0 = Disable the SPI alternate function. The pin is used as a GPIO
1 = Enable the SPI function. The SPI circuitry controls the output of the pin
Bit 6
see Section 19.2.1
Bit 5
see Section 19.2.2
Bit 4
Reserved
Bit 3
see Section 19.2.4
Bit 2
see Section 19.2.5
Bit 1
see Section 19.2.6
Bit 0
see Section 19.2.7
Note For Comm Modes 01 or 10 (SPI Master or SPI Slave, see Table 19-15 on page 45)
When configured for SPI (SPI Use = 1 and Comm Modes [1:0] = SPI Master or SPI Slave mode), the input/output direction of
pins P1.3, P1.5, and P1.6 is set automatically by the SPI logic. However, pin P1.4's input/output direction is NOT automatically
set; it must be explicitly set by firmware. For SPI Master mode, pin P1.4 must be configured as an output; for SPI Slave mode,
pin P1.4 must be configured as an input.
Table 19-12. P1.7 Configuration (P17CR) [0x14] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
Reserved
High Sink
Open Drain
Pull up
Enable
Output
Enable
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
Default
00000000
This register controls the operation of pin P1.7.
50 mA sink drive capability is available. The P1.7 GPIO’s threshold is always set to TTL.
Bit 7
Reserved
Bit 6
see Section 19.2.1
Bit 5
see Section 19.2.2
Bit 4
Reserved
Bit 3
see Section 19.2.4
Bit 2
see Section 19.2.5
Bit 1
see Section 19.2.6
Bit 0
see Section 19.2.7
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com