Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 27Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 28Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 29Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 30Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 31Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 32Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 33Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 34Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 31 of 68
16. Reset
The microcontroller supports two types of resets: Power on Reset (POR) and Watchdog Reset (WDR). When reset is initiated, all
registers are restored to their default states and all interrupts are disabled.
The occurrence of a reset is recorded in the System Status and Control Register (CPU_SCR). Bits within this register record the
occurrence of POR and WDR Reset respectively. The firmware can interrogate these bits to determine the cause of a reset.
The microcontroller resumes execution from Flash address 0x0000 after a reset. The internal clocking mode is active after a reset,
until changed by user firmware.
Note The CPU clock defaults to 3 MHz (Internal 24 MHz Oscillator divide-by-8 mode) at POR to guarantee operation at the low VCC
that might be present during the supply ramp.
Note
3. C = Clear. This bit can only be cleared by the user and cannot be set by firmware.
Table 16-1. System Status and Control Register (CPU_SCR) [0xFF] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
GIES
Reserved
WDRS
PORS
Sleep
Reserved
Reserved
Stop
Read/Write
R
R/C[3]
R/C[3]
R/W
R/W
Default
0
0
0
1
01
0
0
The bits of the CPU_SCR register are used to convey status and control of events for various functions of a CYRF69103
device.
Bit 7
GIES
The Global Interrupt Enable Status bit is a read-only status bit and its use is discouraged. The GIES bit is a legacy
bit, which was used to provide the ability to read the GIE bit of the CPU_F register. However, the CPU_F register
is now readable. When this bit is set, it indicates that the GIE bit in the CPU_F register is also set which, in turn,
indicates that the microprocessor services interrupts:
0 = Global interrupts disabled
1 = Global interrupt enabled
Bit 6
Reserved
Bit 5
WDRS
The WDRS bit is set by the CPU to indicate that a WDR event has occurred. The user can read this bit to
determine the type of reset that has occurred. The user can clear but not set this bit:
0 = No WDR
1 = A WDR event has occurred
Bit 4
PORS
The PORS bit is set by the CPU to indicate that a POR event has occurred. The user can read this bit to deter-
mine the type of reset that has occurred. The user can clear but not set this bit:
0 = No POR
1 = A POR event has occurred (Note that WDR events do not occur until this bit is cleared).
Bit 3
SLEEP
Set by the user to enable CPU sleep state. CPU remains in sleep mode until any interrupt is pending. The Sleep
bit is covered in more detail in the section Sleep Mode on page 32.
0 = Normal operation
1 = Sleep
Bits 2:1
Reserved
Bit 0
STOP
This bit is set by the user to halt the CPU. The CPU remains halted until a reset (WDR, POR, or external reset)
has taken place. If an application wants to stop code execution until a reset, the preferred method is to use the
HALT instruction rather than writing to this bit.
0 = Normal CPU operation
1 = CPU is halted (not recommended)
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com