Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 26Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 27Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 28Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 29Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 30Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 31Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 32Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 33Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 30 of 68
15.2.4 LPOSC Trim
15.3 CPU Clock During Sleep Mode
When the CPU enters sleep mode, the oscillator is stopped. When the CPU comes out of sleep mode it is running on the internal
oscillator. The internal oscillator recovery time is three clock cycles of the Internal 32 kHz Low power Oscillator.
Table 15-6. LPOSC Trim (LPOSCTR) [0x36] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
32 kHz Low
Power
Reserved
32 kHz Bias Trim [1:0]
32 kHz Freq Trim [3:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
D
D
DD
D
D
This register is used to calibrate the 32 kHz Low speed Oscillator. The reset value is undefined but during boot the SROM writes
a calibration value that is determined during manufacturing test. This is the meaning of ‘D’ in the Default field. The trim value can
be adjusted vs. voltage as noted in Table 15-2 on page 26.
Bit 7
32 kHz Low Power
0 = The 32 kHz Low speed Oscillator operates in normal mode.
1 = The 32 kHz Low speed Oscillator operates in a low power mode. The oscillator continues to function normally
but with reduced accuracy.
Bit 6
Reserved
Bits [5:4]
32 kHz Bias Trim [1:0]
These bits control the bias current of the low power oscillator.
0 0 = Mid bias
0 1 = High bias
1 0 = Reserved
1 1 = Reserved
Important Note Do not program the 32 kHz Bias Trim [1:0] field with the reserved 10b value as the oscillator does not oscillate
at all corner conditions with this setting.
Bits 3:0
32 kHz Freq Trim [3:0]
These bits are used to trim the frequency of the low power oscillator.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com