Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 9Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 10Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 11Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 8 of 68
8.3.2 Link Layer Modes
The CYRF69103 IC device supports the following data packet
framing features:
SOP – Packets begin with a 2-symbol Start of Packet (SOP)
marker. This is required in GFSK and 8DR modes, but is optional
in DDR mode and is not supported in SDR mode. If framing is
disabled then an SOP event is inferred whenever two successive
correlations are detected. The SOP_CODE_ADR code used for
the SOP is different from that used for the “body” of the packet,
and if desired may be a different length. SOP must be configured
to be the same length on both sides of the link.
EOP – There are two options for detecting the end of a packet.
If SOP is enabled, then a packet length field may be enabled.
GFSK and 8DR must enable the length field. This is the first
8 bits after the SOP symbol, and is transmitted at the payload
data rate. If the length field is enabled, an End of Packet (EOP)
condition is inferred after reception of the number of bytes
defined in the length field, plus two bytes for the CRC16 (if
enabled). The alternative to using the length field is to infer an
EOP condition from a configurable number of successive non
correlations; this option is not available in GFSK mode and is
only recommended when using SDR mode.
CRC16 – The device may be configured to append a 16-bit
CRC16 to each packet. The CRC16 uses the USB CRC
polynomial with the added programmability of the seed. If
enabled, the receiver verifies the calculated CRC16 for the
payload data against the received value in the CRC16 field. The
starting value for the CRC16 calculation is configurable, and the
CRC16 transmitted may be calculated using either the loaded
seed value or a zero seed; the received data CRC16 is checked
against both the configured and zero CRC16 seeds.
CRC16 detects the following errors:
■ Any one bit in error
■ Any two bits in error (no matter how far apart, which column,
and so on)
■ Any odd number of bits in error (no matter where they are)
■ An error burst as wide as the checksum itself
Figure 8-1. shows an example packet with SOP, CRC16 and
lengths fields enabled.
Figure 8-1. Example Default Packet Format
8.4 Packet Buffers and Radio Configuration Registers
Packet data and configuration registers are accessed through
the SPI interface. All configuration registers are directly
addressed through the address field in the SPI packet (as in the
CYWUSB6934). Configuration registers are provided to allow
configuration of DSSS PN codes, data rate, operating mode,
interrupt masks, interrupt status, and others.
8.4.1 Packet Buffers
All data transmission and reception use the 16-byte packet
buffers: one for transmission and one for reception.
The transmit buffer allows a complete packet of up to 16 bytes of
payload data to be loaded in one burst SPI transaction, and then
transmitted with no further MCU intervention. Similarly, the
receive buffer allows an entire packet of payload data up to 16
bytes to be received with no firmware intervention required until
packet reception is complete.
The CYRF69103 IC supports packet length of up to 40 bytes;
interrupts are provided to allow an MCU to use the transmit and
receive buffers as FIFOs. When transmitting a packet longer
than 16 bytes, the MCU can load 16 bytes initially, and add
further bytes to the transmit buffer as transmission of data
creates space in the buffer. Similarly, when receiving packets
longer than 16 bytes, the MCU must fetch received data from the
FIFO periodically during packet reception to prevent it from
overflowing.
8.5 Auto Transaction Sequencer (ATS)
The
CYRF69103
IC
provides
automated
support
for
transmission and reception of acknowledged data packets.
When transmitting a data packet, the device automatically starts
the crystal and synthesizer, enters transmit mode, transmits the
packet in the transmit buffer, and then automatically switches to
receive mode and waits for a handshake packet—and then
automatically reverts to sleep mode or idle mode when either an
ACK packet is received, or a time out period expires.
Similarly, when receiving in transaction mode, the device waits
in receive mode for a valid packet to be received, then automat-
ically transitions to transmit mode, transmits an ACK packet, and
then switches back to receive mode to await the next packet. The
contents of the packet buffers are not affected by the trans-
mission or reception of ACK packets.
In each case, the entire packet transaction takes place without
any need for MCU firmware action; to transmit data the MCU
simply needs to load the data packet to be transmitted, set the
length, and set the TX GO bit. Similarly, when receiving packets
in transaction mode, firmware simply needs to retrieve the fully
received packet in response to an interrupt request indicating
reception of a packet.
P
SO P 1
SO P 2
Le ngth
CRC 1 6
Pa y loa d D a ta
P ream ble
n x 16 us
1st F ram in g
S y m bol*
2nd F ram in g
S y m bol*
P a cket
length
1 B y te
Pe rio d
*N ote:32 or 64u s
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com