Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYWUSB6953_10 Datasheet HTML 1Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
CYRF69103
Programmable Radio on Chip Low Power
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-07611 Rev *F
Revised February 26, 2010
1. PRoC™ LP Features
Single Device, Two Functions
8-bit Flash based MCU function and 2.4 GHz radio
transceiver function in a single device.
Flash Based Microcontroller Function
M8C based 8-bit CPU, optimized for Human Interface
Devices (HID) applications
256 Bytes of SRAM
8 Kbytes of Flash memory with EEPROM emulation
In-System reprogrammable
CPU speed up to 12 MHz
16-bit free running timer
Low power wakeup timer
12-bit Programmable Interval Timer with interrupts
Watchdog timer
Industry leading 2.4 GHz Radio Transceiver Function
Operates in the unlicensed worldwide Industrial, Scientific,
and Medical (ISM) band (2.4 GHz to 2.483 GHz)
DSSS data rates of up to 250 Kbps
GFSK data rate of 1 Mbps
–97 dBm receive sensitivity
Programmable output power up to +4 dBm
Auto Transaction Sequencer (ATS)
Framing CRC and Auto ACK
Received Signal Strength Indication (RSSI)
Automatic Gain Control (AGC)
Component Reduction
Integrated 1.8V boost converter
GPIOs that require no external components
Operates off a single crystal
Flexible I/O
2 mA source current on all GPIO pins. Configurable 8 mA
or 50 mA/pin current sink on designated pins
Each GPIO pin supports high impedance inputs,
configurable pull up, open drain output, CMOS/TTL inputs,
and CMOS output
Maskable interrupts on all I/O pins
Operating Voltage from 1.8V to 3.6V DC
Operating Temperature from 0 to 70°C
Pb-free 40-Pin QFN Package
Advanced Development Tools based on Cypress’s PSoC®
Tools
2. Logic Block Diagram
Microcontroller
Function
Radio
Function
RFn
RFp
RFbias
12 MHz
470 nF
P0_1,3,4,7
P1_0:2,6:7
P2_0:1
470nF
. . . . . . .
IRQ/GPIO
MISO/GPIO
XOUT/GPIO
PACTL/GPIO
VCC
P1.5/MOSI
P1.4/SCK
P1.3/nSS
. . . . .
2
5
4
10 µF
47µF
VCC
[+] Feedback


Similar Part No. - CYWUSB6953_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6953-48LFC CYPRESS-CYWUSB6953-48LFC Datasheet
209Kb / 7P
WirelessUSB PRoC Flash Programmable MCU Radio
More results

Similar Description - CYWUSB6953_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_13 Datasheet
1Mb / 72P
Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com