Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYWUSB6953_10 Datasheet HTML 35Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 36Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 37Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 38Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 39Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 40Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 41Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 42Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 39 of 68
Bit 7
Reserved
Bit 6
see Section 19.2.1
Bit 5
see Section 19.2.2
Bit 4
see Section 19.2.3
Bit 3
Reserved
Bit 2
see Section 19.2.5
Bit 1
see Section 19.2.6
Bit 0
see Section 19.2.7
Table 19-5. P0.3–P0.4 Configuration (P03CR–P04CR) [0x08–0x09] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Act Low
TTL Thresh
Reserved
Open Drain
Pull up
Enable
Output
Enable
Read/Write
R/W
R/W
–R/W
R/W
R/W
Default
0
0
0
0
00
0
0
These registers control the operation of pins P0.3–P0.4 respectively. These pins are shared between the P0.3–P0.4 GPIOs and
the INT1–INT2. The INT1–INT2 interrupts are different than all the other GPIO interrupts. These pins are connected directly to
the interrupt controller to provide three edge-sensitive interrupts with independent interrupt vectors. These interrupts occur on
a rising edge when Int act Low is clear and on a falling edge when Int act Low is set. These pins are enabled as interrupt sources
in the interrupt controller registers (Table 21-8 on page 54 and Table 21-6 on page 53).
To use these pins as interrupt inputs, configure them as inputs by clearing the corresponding Output Enable. If the INT1–INT2
pins are configured as outputs with interrupts enabled, firmware can generate an interrupt by writing the appropriate value to the
P0.3, and P0.4 data bits in the P0 Data Register.
Regardless of whether the pins are used as Interrupt or GPIO pins the Int Enable, Int act Low, TTL Threshold, Open Drain, and
Pull up Enable bits control the behavior of the pin.
The P0.3/INT1–P0.4/INT2 pins are individually configured with the P03CR (0x08), and P04CR (0x09) respectively.
Note Changing the state of the Int Act Low bit can cause an unintentional interrupt to be generated. When configuring these
interrupt sources, it is best to follow the following procedure:
1. Disable interrupt source
2. Configure interrupt source
3. Clear any pending interrupts from the source
4. Enable interrupt source
Table 19-6. P0.7 Configuration (P07CR) [0x0C] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
TTL Thresh
Reserved
Open Drain
Pull up
Enable
Output
Enable
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
Default
00000000
T
his register controls the operation of pin P0.7.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com