Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6953 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYWUSB6953
Description  Programmable Radio on Chip Low Power
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6953 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYWUSB6953_10 Datasheet HTML 1Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6953_10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
CYRF69103
Document #: 001-07611 Rev *F
Page 3 of 68
4. Applications
The CYRF69103 PRoC LP is targeted for the following
applications:
Wireless HID devices:
Mice
Remote Controls
Presenter tools
Barcode scanners
POS terminal
General purpose wireless applications:
Industrial applications
Home automation
White goods
Consumer electronics
Toys
5. Functional Description
PRoC LP devices are integrated radio and microcontroller
functions in the same package to provide a dual-role single-chip
solution.
Communication between the microcontroller and the radio is
through the radio’s SPI interface.
6. Functional Overview
The CYRF69103 is a complete Radio System-on-Chip device,
providing a complete RF system solution with a single device and
a few discrete components. The CYRF69103 is designed to
implement low cost wireless systems operating in the worldwide
2.4 GHz Industrial, Scientific, and Medical (ISM) frequency band
(2.400 GHz to 2.4835 GHz).
6.1 2.4 GHz Radio Function
The SoC contains a 2.4 GHz 1 Mbps GFSK radio transceiver,
packet data buffering, packet framer, DSSS baseband controller,
Received Signal Strength Indication (RSSI), and SPI interface
for data transfer and device configuration.
The radio supports 98 discrete 1 MHz channels (regulations may
limit the use of some of these channels in certain jurisdictions).
In
DSSS
modes
the
baseband
performs
DSSS
spreading/despreading, while in GFSK Mode (1 Mb/s - GFSK)
the baseband performs Start of Frame (SOF), End of Frame
(EOF) detection, and CRC16 generation and checking. The
baseband may also be configured to automatically transmit
Acknowledge (ACK) handshake packets whenever a valid
packet is received.
When in receive mode, with packet framing enabled, the device
is always ready to receive data transmitted at any of the
supported bit rates, except SDR, enabling the implementation of
mixed-rate systems in which different devices use different data
rates. This also enables the implementation of dynamic data rate
systems, which use high data rates at shorter distances and/or
in a low moderate interference environment, and change to lower
data rates at longer distances and/or in high interference
environments.
The
radio
meets
the
following
worldwide
regulatory
requirements:
Europe:
ETSI EN 301 489-1 V1.4.1
ETSI EN 300 328-1 V1.3.1
North America:
FCC CFR 47 Part 15
Japan:
ARIB STD-T66
6.2 Data Transmission Modes
The radio supports four different data transmission modes:
In GFSK mode, data is transmitted at 1 Mbps, without any
DSSS
In 8DR mode, 1 byte is encoded in each PN code symbol
transmitted
In DDR mode, 2 bits are encoded in each PN code symbol
transmitted
In SDR mode, a single bit is encoded in each PN code symbol
transmitted
Both 64-chip and 32-chip data PN codes are supported. The four
data transmission modes apply to the data after the Start of
Packet (SOP). In particular, the packet length, data and CRC are
all sent in the same mode.
6.3 Microcontroller Function
The
MCU
function
is
an
8-bit
Flash-programmable
microcontroller. The instruction set is optimized specifically for
HID and a variety of other embedded applications.
The MCU function has up to 8 Kbytes of Flash for user’s code
and up to 256 bytes of RAM for stack space and user variables.
In addition, the MCU function includes a Watchdog timer, a
vectored interrupt controller, a 16-bit Free Running Timer, and
12-bit Programmable Interrupt Timer.
The microcontroller has 15 GPIO pins grouped into multiple
ports. With the exception of the four radio function GPIOs, each
GPIO port supports high impedance inputs, configurable pull up,
open drain output, CMOS/TTL inputs and CMOS output. Up to
two pins support programmable drive strength of up to 50 mA.
Additionally, each I/O pin can be used to generate a GPIO
interrupt to the microcontroller. Each GPIO port has its own GPIO
interrupt vector with the exception of GPIO Port 0. GPIO Port 0
has two dedicated pins that have independent interrupt vectors
(P0.3 - P0.4).
The microcontroller features an internal oscillator.
The PRoC LP includes a Watchdog timer, a vectored interrupt
controller, a 12-bit programmable interval timer with configurable
1 ms interrupt and a 16-bit free running timer.
In addition, the CYRF69103 IC has a Power Management Unit
(PMU), which enables direct connection of the device to any
battery voltage in the range 1.8V to 3.6V. The PMU conditions
the battery voltage to provide the supply voltages required by the
device and may supply external devices.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com