Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900844 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 20Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 21Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 22Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 23Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 24Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 25Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 118 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
900844
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VSDIO ELECTRICAL CHARACTERISTICS
Input Voltage Range
VPWR
3.135
3.3
3.465
V
Output Voltage Setting
VSDIO
(Selectable, see Table 44)
V
Output Voltage Accuracy
-
-5.0
-
5.0
%
Under-voltage Detection Threshold (With respect to the output voltage)
VSDIOUV
-
-12
-
%
Under-voltage Detection Threshold Hysteresis
VSDIOUVH
-
1.0
-
%
Continuous Output Load Current
Active Mode
Low Power Mode
ISDIO
-
-
-
-
215
4.3
mA
Current Limit
ILIMSDIO
-
322.5
-
mA
Transient Load Change
ΔISDIO
-
-
100
mA
Power Supply Rejection Ratio (PSRR) (20 to 100 kHz, ISDIO = 161 mA,
VPWR = 3.3 V)
PSRRSDIO
50
60
-
dB
Effective Quiescent Current Consumption
Active Mode
Low Power Mode
IQSDIO
-
-
-
-
18
10
µA
VPNL33 POWER SWITCH ELECTRICAL CHARACTERISTICS
Input Voltage Range
VPWR
3.135
3.3
3.465
V
Drop Across Switch with reference to VPWR
-
-
-
3.0
%
Continuous Output Load Current
IPNL33
-
-
100
mA
ADC ELECTRICAL CHARACTERISTICS
Conversion Current
-
-
-
1.2
mA
OFF Supply Current
-
-
-
1.0
μA
Converter Reference Voltage
-
-
2.4
-
V
Integral Nonlinearity (Rs = 5.0 k
Ω maximum) (6)
-
-
-
±3.0
LSB
Differential Nonlinearity (Rs = 5.0 k
Ω maximum) (6)
-
-
-
±1.0
LSB
Zero Scale Error (Offset) (Rs = 5.0 k
Ω maximum) (6)
-
-
-
10
LSB
Full Scale Error (Gain) (Rs = 5.0 k
Ω maximum) (6), (7)
-
-
-
11
LSB
Drift Over Temperature
±2.0
LSB
Source Impedance
No Bypass Capacitor at Input
Bypass Capacitor at Input of (10 nF)
-
-
-
-
-
-
5.0
30
k
Ω
k
Ω
Input Buffer Input Range(8)
-
0.02
-
2.4
V
Notes
6.
Rs represents a possible external series resistor between the voltage source and the ADIN input.
7.
At room temperature.
8.
Refer to Table 57 for analog valid input range and input buffer range characteristics for each ADC Channel
Table 3. Static Electrical Characteristics
TA = -40 to 85 °C, VPWR = 3.0 to 4.4 V, in gathering these parametrics, Freescale used the external components described in
the Hardware Design Considerations section of this document, over the full load current range, unless otherwise noted. Typical
values are characterized at VPWR = 3.6 V and 25 °C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com