Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900844 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 44Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 45Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 46Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 47Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 48Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 49Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 50Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 51Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 118 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
CLOCK GENERATION AND REAL TIME CLOCK (RTC)
RTCHA (ADDR 0x15 - R/W - Default value: 0x00)
HRSALARM
5:0
Hours Alarm Setting Register
Reserved
6
Reserved (Fixed to 0)
PA-HA
7
AM/PM Alarm Setting, Only active during 12 Hr. mode
x0 = AM
x1 = PM
RTCDW (ADDR 0x16 - R/W - Default Value: 0x01)
DOW
2:0
Day of Week counter register: 1= Sunday... 7= Saturday
Reserved
7:3
Reserved
RTCDM (ADDR 0x17 - R/W - Default Value: 0x01)
DOM
5:0
Day Of Month Counter Register
Reserved
7:6
Reserved
RTCM2 (ADDR 0x18 - R/W - Default Value: 0x01)
MONTH
4:0
Months Counter Register
Reserved
6:5
Reserved
19/20
7
THIS BIT IS NOT SUPPORTED
Always Reads 0 (treated as a reserved bit)
RTCY (ADDR 0x19 - R/W - Default Value: 0x00)
YEAR
7:0
Year Counter Register. Note: Values range from 0 to 99
Table 20. RTC Control Registers Structure and Bit Description
Name
Bits
Description
RTCA (ADDR 0x1A - R - Default Value: 0x20)
Reserved
6:0
Fixed to 010000
UIP
7
This is the Update In Progress (UIP) bit used as a status flag
x0 = Update cycle not in progress
x1 = Update cycle is in progress or will begin soon
RTCB (ADDR 0x1B - R/W - Default Value: 0x02)
Reserved
0
Fixed to 0
HRMODE
1
Hour Format Control
x0 = 12 Hour Mode
x1 = 24 Hour Mode
DM
2
Data Mode for Time and Calendar Updates
x0 = Binary-Coded-Decimal (BCD)
x1 = Binary
Reserved
3
Fixed to 0
UIE
4
Update-Ended Interrupt Enable
x0 = Update-End (UF) bit in Register C is not permitted to assert the interrupt request flag (IRQF) in Register C
x1 = Update-End (UF) bit in Register C is permitted to assert the interrupt request flag (IRQF) in Register C
Table 19. RTC Date/Time Configuration Register Structure and Bits Description
Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com