| Electronic Components Datasheet Search |
|
900844 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
900844 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 118 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 45 900844 FUNCTIONAL DEVICE OPERATION CLOCK GENERATION AND REAL TIME CLOCK (RTC) Reading the Time, Calendar, and Alarm Under normal operation, the current time and date may be read by accessing the RTC registers through the system SPI. Since the alarm is only updated by a SPI write instruction, the three alarm registers may be read at any time and will always be defined. The 900844 SPI will run at a minimum of 12.5 MHz. Each individual SPI read transaction requires 25 cycles (less for burst- read). The RTC contains seven timekeeping registers to keep track of seconds, minutes, hours, day-of-week, day-of-month, month, and year. If the SPI is clocked at the slowest frequency, and the RTC is read using individual (not burst) SPI read commands, the following equation gives the maximum amount of time it takes the processor to read a complete date and time (assuming the reads are done sequentially, and uninterrupted): (25 * 7) / (12.5 MHz) = 14 μs. This equation shows that a program which randomly accesses the time and date information will find the data in transition statistically 14 times per million attempts. If a clock update occurs during the time it takes to read all seven timekeeping registers, the values read may be inconsistent. In other words, if the program starts to read the seven date/time registers and an RTC update occurs, the data collected may be in transition. In this event, it is possible to read transition data in one of the registers, resulting in undefined output. It is more likely that the registers read after the update would be incremented (by one second), and the registers read before the update would not. The time, calendar, and alarm bytes are always accessible by the processor program. Once per second, the seven bytes are advanced by one second and checked for an alarm condition. If any of the seven bytes are read at this time, the data outputs should be considered undefined. Similarly, all seven bytes should be read between updates to get a consistent time and date. Reading some of the bytes before an update and some after, may result in an erroneous output. The Update Cycle section explains how to accommodate the update cycle in the processor program. Update Cycle The RTC module executes an update cycle once per second, assuming one of the proper time bases is in place, and the SET bit in Register B is clear. The SET bit in the “1” state permits the program to initialize the time and calendar bytes, by stopping an existing update and preventing a new one from occurring. The primary function of the update cycle is to increment the Seconds byte, check for overflow, increment the Minutes byte when appropriate, and so forth, up through the month and year bytes. The update cycle also compares each alarm byte with the corresponding time byte, and issues an alarm if a match is present in all three positions. Table 18. Time, Calendar, and Alarm Data Modes Address location Function Decimal Range Range Example (17) Binary Data Mode BCD Data Mode Binary Data Mode BCD Data Mode 0x10 Seconds 0-59 $00-$3B $00-$59 15 21 0x11 Seconds Alarm 0-59 $00-$3B $00-$59 15 21 0x12 Minutes 0-59 $00-$3B $00-$59 3A 58 0x13 Minutes Alarm 0-59 $00-$3B $00-$59 3A 58 0x14 Hours (12 Hour Mode) (24 Hour Mode) 1-12 0-23 $01-$0C(AM) / $81-$92(PM) $00-$17 $01-$12(AM) / $81-$92(PM) $00-$23 0B 11 0x15 Hours Alarm (12 Hour Mode) (24 Hour Mode) 1-12 0-23 $01-$0C(AM) / $81-$92(PM) $00-$17 $01-$12(AM) / $81-$92(PM) $00-$23 0B 11 0x16 Day of the Week Sunday=1 1-7 $01-$07 $01-$07 05 05 0x17 Date of the Month 1-31 $01-$1F $01-$31 0F 15 0x18 Month 1-12 $01-$0C $01-$12 02 02 0x19 Year 0-99 $00-$63 $00-$99 08 08 Notes 17. Example: 11:58:21 Thursday 15 February 2008 (time is AM) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |