Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900844 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 43Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 44Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 45Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 46Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 47Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 48Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 49Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 50Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
900844
FUNCTIONAL DEVICE OPERATION
CLOCK GENERATION AND REAL TIME CLOCK (RTC)
Update-Ended Interrupt
If enabled, an interrupt occurs after every update cycle which indicates that there is over 999 ms available to read valid time
and date information.
RTC Timer Calibration
By default, the calibration circuit is off and clock accuracy is limited to the performance of the 32.768 kHz crystal input. For
clock accuracy beyond the limits of the crystal oscillator, a calibration circuit is included. The processor can use a high-frequency
clock to sample the 32.768 kHz output to determine if it is fast or slow, and calculate an adjustment value. The adjustment
algorithm has a resolution of ±477 nanoseconds-per-second average adjustment, which equates to a time accuracy of
approximately 1.2 seconds per month.
Calibration can be turned on by setting the RTC ADJ bit of the ADJ register. A "0" in the ADJ bit turns calibration off. The Sign
bit in the Trim register determines if periodic adjustments are made to speed up or slow down the clock.
When calibration is enabled, the Trim register is used to grow or shrink the average 1.0 Hz clock period. By default, one second
is defined as 32,768 periods of the CLK32K input pin. Each period of the input clock is approximately 30.5
μs. By occasionally
adding (or subtracting) one extra cycle per second, the average second can be adjusted. If SIGN is high (subtract one),
occasional seconds will be trimmed to 32,767 cycles. If SIGN is low (add one), occasional seconds will be trimmed to 32,769
cycles.
The 6-bit TRIMVAL in the Trim register represents the number of seconds to adjust out of every 64 seconds, and can range
from 0-63. For example, TRIMVAL = 0x08 then 8 seconds out of every 64 will be adjusted up or down, according to the SIGN bit.
CLOCK GENERATION AND REAL TIME CLOCK (RTC) REGISTERS AND BITS DESCRIPTION
Table 19. RTC Date/Time Configuration Register Structure and Bits Description
Name
Bits
Description
RTCS (ADDR 0x10 - R/W - Default Value: 0x00)
SEC
6:0
Seconds Counter Register
Reserved
7
Reserved
RTCSA (ADDR 0x11 - R/W - Default Value: 0x00)
SECALARM
6:0
Seconds Alarm Setting Register
Reserved
7
Reserved
RTCM1 (ADDR 0x12 -R/W - Default Value: 0x00)
MIN
6:0
Minutes Counter Register
Reserved
7
Reserved
RTCMA (ADDR 0x13 - R/W - Default Value: 0x00)
MINALARM
6:0
Minutes Alarm Setting Register
Reserved
7
Reserved
RTCH (ADDR 0x14 - R/W - Default Value: 0x00)
HRS
5:0
Hours Counter Register
Reserved
6
Fixed to 0
PA-H
7
AM/PM Indication, Only active during 12 Hr. mode
x0 = AM
x1 = PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com