Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

900844 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 97Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 98Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 99Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 100Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 101Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 102Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 103Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 104Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
101
900844
FUNCTIONAL DEVICE OPERATION
SPI REGISTER MAP
SPI REGISTER MAP
OVERVIEW
The SPI frame is organized as 24 bits. The first 16 bits is the write enable bit, 10-bit address and 5 "dead" bits between the
data and address fields. The next 8 bits are the data bits. The one write enable bit selects whether the SPI transaction is a read
or a write.
The addressable register map spans 1024 registers of 8 data bits each. The map is not fully populated. A summarized
structure of the register set is given in the following tables. Expanded bit descriptions are included in the individual functional
sections for application guidance.
GPIINT4
4
GPIO4 Interrupt Flag
x0 = No Interrupt occurred or Masked Interrupt
x1 = Interrupt occurred
GPIINT5
5
GPIO5 Interrupt Flag
x0 = No Interrupt occurred or Masked Interrupt
x1 = Interrupt occurred
GPIINT6
6
GPIO6 Interrupt Flag
x0 = No Interrupt occurred or Masked Interrupt
x1 = Interrupt occurred
GPIINT7
7
GPIO7 Interrupt Flag
x0 = No Interrupt occurred or Masked Interrupt
x1 = Interrupt occurred
Table 73. GPO Register Structure and Bits Description
Name
Bits
Description
GPO (ADDR 0xF4 - R/W - Default Value: 0x00)
GPO0
0
GPO0 Output Level
x0 = Low0
x1 = High (To voltage supplied on GPOVCC Pin)
GPO1
1
GPO1 Output Level
x0 = Low
x1 = High (To voltage supplied on GPOVCC Pin)
GPO2
2
GPO2 Output Level
x0 = Low
x1 = High (To voltage supplied on GPOVCC Pin)
GPO3
3
GPO3 Output Level
x0 = Low
x1 = High (To voltage supplied on GPOVCC Pin)
GPO4
4
GPO4 Output Level
x0 = Low
x1 = High (To voltage supplied on GPOVCC Pin)
GPO5
5
GPO5 Output Level
x0 = Low
x1 = High (To voltage supplied on GPOVCC Pin)
GPO6
6
GPO6 Output Level
x0 = Low
x1 = High (To voltage supplied on GPOVCC Pin)
GPO7
7
GPO7 Output Level
x0 = Low
x1 = High (To voltage supplied on GPOVCC Pin)
Table 72. GPIO Register Structure and Bits Description
Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com