Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 43Page - Texas Instruments CC1111F32RSP Datasheet HTML 44Page - Texas Instruments CC1111F32RSP Datasheet HTML 45Page - Texas Instruments CC1111F32RSP Datasheet HTML 46Page - Texas Instruments CC1111F32RSP Datasheet HTML 47Page - Texas Instruments CC1111F32RSP Datasheet HTML 48Page - Texas Instruments CC1111F32RSP Datasheet HTML 49Page - Texas Instruments CC1111F32RSP Datasheet HTML 50Page - Texas Instruments CC1111F32RSP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 47 of 244
written through the Debug Interface only. The
Flash Controller (see Section 12.3) is used to
write and erase the contents of the flash main
memory.
When the CPU reads instructions from flash
memory, it fetches the next instruction through
a cache. The instruction cache is provided
mainly to
reduce
power
consumption
by
reducing the amount of time the flash memory
itself is accessed. The use of the instruction
cache
may
be
disabled
with
the
MEMCTR.CACHDIS
register bit, but doing so
will increase power consumption.
10.2.3.3
Special Function Registers
The Special Function Registers (SFRs) control
several of the features of the 8051 CPU core
and/or peripherals. Many of the 8051 core
SFRs are identical to the standard 8051 SFRs.
However, there are additional SFRs that
control features that are not available in the
standard 8051. The additional SFRs are used
to interface with the peripheral units and RF
transceiver.
Table 30 shows the address to all SFRs in
CC1110Fx/CC1111Fx. The 8051 internal SFRs are
shown with grey background, while the other
SFRs are specific to
CC1110Fx/CC1111Fx.
Note: All internal SFRs (shown with grey
background in Table 30, can only be accessed
through SFR memory space as these registers
are not mapped into XDATA memory space.
Table 31 lists the additional SFRs that are not
standard 8051 peripheral SFRs or CPU-
internal
SFRs.
The
additional
SFRs
are
described in the relevant sections for each
peripheral function.
8 Bytes
80
P0
SP
DPL0
DPH0
DPL1
DPH1
U0CSR
PCON
87
88
TCON
P0IFG
P1IFG
P2IFG
PICTL
P1IEN
P0INP
8F
90
P1
RFIM
DPS
MPAGE
ENDIAN
97
98
S0CON
IEN2
S1CON
T2CT
T2PR
T2CTL
9F
A0
P2
WORIRQ
WORCTRL
WOREVT0
WOREVT1
WORTIME0
WORTIME1
A7
A8
IEN0
IP0
FWT
FADDRL
FADDRH
FCTL
FWDATA
AF
B0
ENCDI
ENCDO
ENCCS
ADCCON1
ADCCON2
ADCCON3
B7
B8
IEN1
IP1
ADCL
ADCH
RNDL
RNDH
SLEEP
BF
C0
IRCON
U0DBUF
U0BAUD
U0UCR
U0GCR
CLKCON
MEMCTR
C7
C8
WDCTL
T3CNT
T3CTL
T3CCTL0
T3CC0
T3CCTL1
T3CC1
CF
D0
PSW
DMAIRQ
DMA1CFGL
DMA1CFGH
DMA0CFGL
DMA0CFGH
DMAARM
DMAREQ
D7
D8
TIMIF
RFD
T1CC0L
T1CC0H
T1CC1L
T1CC1H
T1CC2L
T1CC2H
DF
E0
ACC
RFST
T1CNTL
T1CNTH
T1CTL
T1CCTL0
T1CCTL1
T1CCTL2
E7
E8
IRCON2
RFIF
T4CNT
T4CTL
T4CCTL0
T4CC0
T4CCTL1
T4CC1
EF
F0
B
PERCFG
ADCCFG
P0SEL
P1SEL
P2SEL
P1INP
P2INP
F7
F8
U1CSR
U1DBUF
U1BAUD
U1UCR
U1GCR
P0DIR
P1DIR
P2DIR
FF
Table 30: SFR Address Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com