Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 23Page - Texas Instruments CC1111F32RSP Datasheet HTML 24Page - Texas Instruments CC1111F32RSP Datasheet HTML 25Page - Texas Instruments CC1111F32RSP Datasheet HTML 26Page - Texas Instruments CC1111F32RSP Datasheet HTML 27Page - Texas Instruments CC1111F32RSP Datasheet HTML 28Page - Texas Instruments CC1111F32RSP Datasheet HTML 29Page - Texas Instruments CC1111F32RSP Datasheet HTML 30Page - Texas Instruments CC1111F32RSP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 27 of 244
6.13 Debug Interface AC Characteristics
TA = 25C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the
CC1110EM reference designs ([1]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Debug clock period
125
ns
See item 1, Figure 6
Note: CLKCON.CLKSPD must be 000 or 001 when using
the debug interface
Debug data setup
5
ns
See item 2, Figure 6
Debug data hold
5
ns
See item 3, Figure 6
Clock to data delay
10
ns
See item 4, Figure 6, load = 10 pF
RESET_N inactive
after P2_2 rising
10
ns
See item 5, Figure 6
Table 21: Debug Interface AC Characteristics
1
3
2
DEBUG CLK
P2_2
DEBUG DATA
P2_1
DEBUG DATA
P2_1
4
5
RESET_N
Figure 6: Debug Interface AC Characteristics
6.14 Port Outputs AC Characteristics
TA = 25C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the
CC1110EM reference designs ([1]).
Parameter
Min
Typ
Max
Unit
Condition/Note
P0_[0:7], P1_[2:7],
P2_[0:4] Port output
rise time
(IOCFG1.GDO_DS=0 /
IOCFG1.GDO_DS=1
)
3.15 / 1.34
ns
Load = 10 pF
Timing is with respect to 10% VDD and 90% VDD levels.
Values are estimated
P0_[0:7], P1_[2:7],
P2_[0:4] Port output
fall time
(IOCFG1.GDO_DS=0 /
IOCFG1.GDO_DS=1
)
3.2 / 1.44
ns
Load = 10 pF
Timing is with respect to 90% VDD and 10% VDD.
Values are estimated
Table 22: Port Outputs AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com