Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 12Page - Texas Instruments CC1111F32RSP Datasheet HTML 13Page - Texas Instruments CC1111F32RSP Datasheet HTML 14Page - Texas Instruments CC1111F32RSP Datasheet HTML 15Page - Texas Instruments CC1111F32RSP Datasheet HTML 16Page - Texas Instruments CC1111F32RSP Datasheet HTML 17Page - Texas Instruments CC1111F32RSP Datasheet HTML 18Page - Texas Instruments CC1111F32RSP Datasheet HTML 19Page - Texas Instruments CC1111F32RSP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 16 of 244
Parameter
Min
Typ
Max
Unit
Condition/Note
Blocking
Blocking at ±2
MHz offset, 1.2
kBaud, 868
MHz
−45
dBm
Desired channel 3 dB above the sensitivity limit.
Blocking at ±2
MHz offset, 250
kBaud, 868
MHz
−50
dBm
Desired channel 3 dB above the sensitivity limit
Blocking at ±10
MHz offset, 1.2
kBaud, 868
MHz
−33
dBm
Desired channel 3 dB above the sensitivity limit.
Blocking at ±10
MHz offset, 250
kBaud, 868
MHz
−40
dBm
Desired channel 3 dB above the sensitivity limit.
General
Spurious
emissions
Conducted measurement in a 50
 single ended load. Complies with EN
300 328, EN 300 440 class 2, FCC CFR47, Part 15 and ARIB STD-T-66.
Numbers are from
CC1101 (same radio on CC1110 and CC1111)
Typical radiated spurious emission is
−49 dB measured at the VCO
frequency.
25 MHz -
1 GHz
−68
−57
dBm
Maximum figure is the ETSI EN 300 220 limit
Above 1 GHz
−66
−47
dBm
Maximum figure is the ETSI EN 300 220 limit
Table 8: RF Receive Section
Supply Voltage, VDD = 2 V
Supply Voltage, VDD = 3 V
Supply Voltage, VDD = 3.6 V
Temperature [°C]
−40
25
85
−40
25
85
−40
25
85
Sensitivity [dBm]
−96.4
−94.9
−92.6
−96.1
−95.0
−92.2
−96.1
−94.5
−92.2
Table 9: Typical Variation in Sensitivity over Temperature and Supply Voltage @ 433 MHz and 250
kBaud Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com