Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 49Page - Texas Instruments CC1111F32RSP Datasheet HTML 50Page - Texas Instruments CC1111F32RSP Datasheet HTML 51Page - Texas Instruments CC1111F32RSP Datasheet HTML 52Page - Texas Instruments CC1111F32RSP Datasheet HTML 53Page - Texas Instruments CC1111F32RSP Datasheet HTML 54Page - Texas Instruments CC1111F32RSP Datasheet HTML 55Page - Texas Instruments CC1111F32RSP Datasheet HTML 56Page - Texas Instruments CC1111F32RSP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 53 of 244
XDATA
Address
Register
Description
Valid USBINDEX
Value(s)
0xDE10
USBMAXI
Max. packet size for IN endpoint
1 - 5
USBCS0
EP0 Control and Status (USBINDEX = 0)
0
0xDE11
USBCSIL
IN EP{1 - 5} Control and Status Low
1 - 5
0xDE12
USBCSIH
IN EP{1 - 5} Control and Status High
1 - 5
0xDE13
USBMAXO
Max. packet size for OUT endpoint
1 - 5
0xDE14
USBCSOL
OUT EP{1 - 5} Control and Status Low
1 - 5
0xDE15
USBCSOH
OUT EP{1 - 5} Control and Status High
1 - 5
USBCNT0
Number of received bytes in EP0 FIFO (USBINDEX = 0)
0
0xDE16
USBCNTL
Number of bytes in OUT FIFO Low
1 - 5
0xDE17
USBCNTH
Number of bytes in OUT FIFO High
1 - 5
Table 35: Overview of Indexed Endpoint Registers
XDATA
Address
Register
Description
0xDE20
USBF0
Endpoint 0 FIFO
0xDE22
USBF1
Endpoint 1 FIFO
0xDE24
USBF2
Endpoint 2 FIFO
0xDE26
USBF3
Endpoint 3 FIFO
0xDE28
USBF4
Endpoint 4 FIFO
0xDE2A
USBF5
Endpoint 5 FIFO
Table 36: Overview of Endpoint FIFO Registers
10.2.4
XDATA Memory Access
The
CC1110Fx/CC1111Fx provides an additional
SFR named MPAGE.
This register is used
during instructions MOVX A,@Ri and MOVX
@Ri,A.
MPAGE
gives the 8 most significant
address bits, while the register Ri gives the 8
least significant bits.
In some 8051 implementations, this type of
XDATA access is performed using P2 to give
the most significant address bits. Existing
software may therefore have to be adapted to
make use of MPAGE instead of P2.
MPAGE (0x93) - Memory Page Select
Bit
Field Name
Reset
R/W
Description
7:0
MPAGE[7:0]
0x00
R/W
Memory page, high-order bits of address in MOVX instruction
10.2.5
Memory Arbiter
The
CC1110Fx/CC1111Fx includes a memory
arbiter which handles CPU and DMA access to
all memory space.
A control register MEMCTR is used to control
the flash cache. The MEMCTR register is
described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com