Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 16Page - Texas Instruments CC1111F32RSP Datasheet HTML 17Page - Texas Instruments CC1111F32RSP Datasheet HTML 18Page - Texas Instruments CC1111F32RSP Datasheet HTML 19Page - Texas Instruments CC1111F32RSP Datasheet HTML 20Page - Texas Instruments CC1111F32RSP Datasheet HTML 21Page - Texas Instruments CC1111F32RSP Datasheet HTML 22Page - Texas Instruments CC1111F32RSP Datasheet HTML 23Page - Texas Instruments CC1111F32RSP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 20 of 244
6.5
32.768 kHz Crystal Oscillator
TA = 25C, VDD = 3.0V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
32.768
kHz
C0
0.9
2.0
pF
Simulated over operating conditions
Load capacitance
12
16
pF
Simulated over operating conditions
ESR
40
130
k
Simulated over operating conditions
Start-up time
400
ms
Value is simulated
Table 13: 32.768 kHz Crystal Oscillator Parameters
6.6
Low Power RC Oscillator
TA = 25C, VDD = 3.0 V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Calibrated frequency
2
34.7
32.0
34.7
32.0
36.0
32.0
kHz
CC1110Fx
CC1111Fx
Calibrated low power RC oscillator frequency is
fRef / 750
Frequency accuracy
after calibration
±1
%
Temperature coefficient
+0.5
%/
C
Frequency drift when temperature changes after
calibration
Supply voltage
coefficient
+3
%/V
Frequency drift when supply voltage changes after
calibration
Initial calibration time
2
ms
When the low power RC oscillator is enabled,
calibration is continuously done in the background
as long as the high speed crystal oscillator is
running.
Table 14: Low Power RC Oscillator Parameters
2 f
Ref = fXOSC for CC1110Fx and fRef = fXOSC /2 for CC1111Fx
For
CC1110Fx Min figures are given using f
XOSC = 26 MHz. Typ figures are given using fXOSC = 26 MHz,
and Max figures are given using fXOSC = 27 MHz. For CC1111Fx, fXOSC = 48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com