Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 3Page - Texas Instruments CC1111F32RSP Datasheet HTML 4Page - Texas Instruments CC1111F32RSP Datasheet HTML 5Page - Texas Instruments CC1111F32RSP Datasheet HTML 6Page - Texas Instruments CC1111F32RSP Datasheet HTML 7Page - Texas Instruments CC1111F32RSP Datasheet HTML 8Page - Texas Instruments CC1111F32RSP Datasheet HTML 9Page - Texas Instruments CC1111F32RSP Datasheet HTML 10Page - Texas Instruments CC1111F32RSP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 7 of 244
3
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings given in Table 2 be violated. Stress
exceeding one or more of the limiting values may cause permanent damage to the device.
Parameter
Min
Max
Units
Condition
Supply voltage (VDD)
−0.3
3.9
V
All supply pins must have the same voltage
Voltage on any digital pin
−0.3
VDD + 0.3,
max 3.9
V
Voltage on the pins RF_P, RF_N
and DCOUPL
−0.3
2.0
V
Voltage ramp-up rate
120
kV/µs
Input RF level
10
dBm
Storage temperature range
−50
150
C
Device not programmed
Solder reflow temperature
260
C
According to IPC/JEDEC J-STD-020D
ESD
CC1110Fx
1000
V
According to JEDEC STD 22, method A114, Human
Body Model (HBM)
ESD
CC1110Fx
750
V
According to JEDEC STD 22, C101C, Charged Device
Model (CDM)
ESD
CC1111x
750
V
According to JEDEC STD 22, method A114, Human
Body Model (HBM)
ESD
CC1111x
750
V
According to JEDEC STD 22, C101C, Charged Device
Model (CDM)
Table 2: Absolute Maximum Ratings
Caution!
ESD
sensitive
device.
Precaution should be used when handling
the device in order to prevent permanent
damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com