Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 18Page - Texas Instruments CC1111F32RSP Datasheet HTML 19Page - Texas Instruments CC1111F32RSP Datasheet HTML 20Page - Texas Instruments CC1111F32RSP Datasheet HTML 21Page - Texas Instruments CC1111F32RSP Datasheet HTML 22Page - Texas Instruments CC1111F32RSP Datasheet HTML 23Page - Texas Instruments CC1111F32RSP Datasheet HTML 24Page - Texas Instruments CC1111F32RSP Datasheet HTML 25Page - Texas Instruments CC1111F32RSP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 22 of 244
Parameter
Min
Typ
Max
Unit
Condition/Note
PLL turn-on / hop time
4
72.4
81.4
75.2
81.4
75.2
81.4
s
CC1110Fx
CC1111Fx
Time from leaving the IDLE state until arriving in the
RX, FSTXON, or TX state, when not performing
calibration.
Crystal oscillator running.
RX to TX switch
4
29.0
32.6
30.1
32.6
30.1
32.6
s
CC1110Fx
CC1111Fx
Settling time for the 1
∙IF frequency step from RX to TX
TX to RX switch
4
30.0
33.6
31.1
33.6
31.1
33.6
s
CC1110Fx
CC1111Fx
Settling time for the 1
∙IF frequency step from TX to RX
PLL calibration time
4
707
796
735
796
735
796
s
CC1110Fx
CC1111Fx
Calibration can be initiated manually or automatically
before entering or after leaving RX/TX.
Note: This is the PLL calibration time given that
TEST0=0x0B
and FSCAL3.CHP_CURR_CAL_EN=10
(max calibration time). Please see DN110 [15] for
more details
Table 16: Frequency Synthesizer Parameters
6.9
Analog Temperature Sensor
TA= 25C, VDD = 3.0V if nothing else stated. All measurement results are obtained using the
CC1110EM reference designs ([1]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Output voltage at
−0
C
0.660
V
Output voltage at 0
C
0.755
V
Output voltage at 40
C
0.859
V
Output voltage at 80
C
0.958
V
Temperature coefficient
2.47
mV/
C
Fitted from
−20
C to 80C
Error in calculated
temperature, calibrated
−2
*
0
2
*
C
From –20
C to 80C when using 2.47 mV/C, after 1-point
calibration at room temperature
* The indicated minimum and maximum error with 1-point
calibration is based on measured values for typical process
parameters
Current consumption
increase when enabled
0.3
mA
Table 17: Analog Temperature Sensor Parameters
4 f
Ref = fXOSC for CC1110Fx and fRef = fXOSC /2 for CC1111Fx
For
CC1110Fx Min figures are given using f
XOSC = 27 MHz. Typ figures are given using fXOSC = 26 MHz,
and Max figures are given using fXOSC = 26 MHz. For CC1111Fx, fXOSC = 48 MHz The system clock
frequency is equal to fRef and the data rate is 250 kBaud. No PA ramping is used. See DN110 [15] for
more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com