Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 73 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 69Page - Texas Instruments CC1111F32RSP Datasheet HTML 70Page - Texas Instruments CC1111F32RSP Datasheet HTML 71Page - Texas Instruments CC1111F32RSP Datasheet HTML 72Page - Texas Instruments CC1111F32RSP Datasheet HTML 73Page - Texas Instruments CC1111F32RSP Datasheet HTML 74Page - Texas Instruments CC1111F32RSP Datasheet HTML 75Page - Texas Instruments CC1111F32RSP Datasheet HTML 76Page - Texas Instruments CC1111F32RSP Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 73 of 244
breakpoint. This means that the second and
third data byte sets the CPU CODE address
where the CPU is halted.
11.4.4
Flash Programming
Programming of the on-chip flash is performed
via the debug interface. The external host
must
initially send
instructions
using
the
DEBUG_INSTR debug command to perform
the
flash
programming
with
the
Flash
Controller as described in Section 12.3.
Command
Instruction Code
Description
CHIP_ERASE
0001 0100
Perform flash chip erase (mass erase). The debug interface will be enabled
and no parts of flash will be write-protected after issuing this command. Do
not use any other commands than READ_STATUS until mass erase has
completed. Return 1 status byte to host
WR_CONFIG
0001 1101
Write configuration data. Return 1 status byte to host. Refer to Table 46 for
details.
RD_CONFIG
0010 0100
Read configuration data. Return value set by WR_CONFIG command
GET_PC
0010 1000
Return value of 16-bit program counter
READ_STATUS
0011 0100
Read status byte. Refer to Table 47
SET_HW_BRKPNT
0011 1011
Set hardware breakpoint
HALT
0100 0100
Halt CPU operation. Return 1 status byte to host
RESUME
0100 1100
Resume CPU operation. To run this command, the CPU must have been
halted. Return 1 status byte to host
DEBUG_INSTR
0101 01yy
Run debug instruction. The supplied instruction will be executed by the CPU
without incrementing the program counter. To run this command, the CPU
must have been halted. Return 1 status byte to host.
yy: Number of bytes in the CPU instruction (see Table 37). Valid values are
01, 10, and 11
STEP_INSTR
0101 1100
Step CPU instruction. The CPU will execute the next instruction from
program memory and increment the program counter after execution. To run
this command, the CPU must have been halted. Return 1 status byte to host
STEP_REPLACE
0110 01 yy
Step and replace CPU instruction. The supplied instruction will be executed
by the CPU instead of the next instruction in program memory. The program
counter will be incremented after execution. To run this command, the CPU
must have been halted. Return 1 status byte to host.
yy: Number of bytes in the CPU instruction (see Table 37). Valid values are
01, 10, and 11
GET_CHIP_ID
0110 1000
Return value of 16-bit chip ID (PARTNUM:VERSION).
Table 45: Debug Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com