Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 87 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 83Page - Texas Instruments CC1111F32RSP Datasheet HTML 84Page - Texas Instruments CC1111F32RSP Datasheet HTML 85Page - Texas Instruments CC1111F32RSP Datasheet HTML 86Page - Texas Instruments CC1111F32RSP Datasheet HTML 87Page - Texas Instruments CC1111F32RSP Datasheet HTML 88Page - Texas Instruments CC1111F32RSP Datasheet HTML 89Page - Texas Instruments CC1111F32RSP Datasheet HTML 90Page - Texas Instruments CC1111F32RSP Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 87 of 244
The steps required to start a CPU flash write
operation are shown in Figure 23. Note that
code must be run from RAM in unified memory
space.
Figure 23: CPU Flash Write Executed from RAM
Figure 24. Flash Write Timeout
12.3.3
Flash Page Erase
After a flash page erase, all bytes in the
erased page are set to 1.
A
page
erase
is
initiated
by
setting
FCTL.ERASE
to 1. The page addressed by
FADDRH[5:1]
is erased when a page erase is
initiated. Note that if a page erase is initiated
simultaneously
with
a
page
write,
i.e.
FCTL.WRITE
is set to 1, the page erase will be
performed before the page write operation.
The FCTL.BUSY bit can be polled to see when
the page erase has completed.
The steps required to perform a flash page
erase from within flash memory are outlined in
Figure 25.
Note that, while executing program code from
within flash memory, when a flash erase or
write operation is initiated, program execution
Note:
If
flash
erase
operations
are
performed from within flash memory and
the watchdog timer is enabled, a watchdog
timer interval must be selected that is
longer than 20 ms, the duration of the flash
page erase operation, so that the CPU will
manage to clear the watchdog timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com