Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F32RSP Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # CC1111F32RSP
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1111F32RSP Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC1111F32RSP Datasheet HTML 77Page - Texas Instruments CC1111F32RSP Datasheet HTML 78Page - Texas Instruments CC1111F32RSP Datasheet HTML 79Page - Texas Instruments CC1111F32RSP Datasheet HTML 80Page - Texas Instruments CC1111F32RSP Datasheet HTML 81Page - Texas Instruments CC1111F32RSP Datasheet HTML 82Page - Texas Instruments CC1111F32RSP Datasheet HTML 83Page - Texas Instruments CC1111F32RSP Datasheet HTML 84Page - Texas Instruments CC1111F32RSP Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 247 page
background image
CC1110Fx / CC1111Fx
SWRS033G
Page 81 of 244
Maximum Data Rate [kBaud]
CLKCON.CLKSPD
MSK
GFSK,
OOK
and ASK
2-FSK
000
500
250
500
001
500
250
500
010
500
250
500
011
500
250
500
100
400
250
400
101
200
200
200
110
100
100
100
111
50
50
50
Table 49: System Clock Speed vs. Data Rate
12.1.5.3
Low Speed Oscillators (32 kHz
clock source)
Two low speed oscillators are present in the
device:
 Low speed crystal oscillator (32.768
kHz)
 Low power RC oscillator (34.667 - 36
kHz for
CC1110Fx and 32 kHz for CC1111Fx)
The low speed crystal oscillator is designed to
operate at 32.768 kHz and provide a stable
clock
signal
for
systems
requiring
time
accuracy. The low power RC oscillator run at
fXOSC / 750 for CC1110Fx and fXOSC / 1500 for
CC1111Fx, when calibrated. The calibration can
only take place when the low power RC
oscillator is running and the high speed crystal
oscillator is enabled and stable, and is initiated
by selecting the HS XOSC as the clock source
for the system clock (CLKCON.OSC=0).
The
low power RC oscillator should be used to
reduce
cost
and
power
consumption
compared to the 32.768 kHz crystal oscillator
solution. The two low speed oscillators can not
be operated simultaneously.
By default, after a reset, the low power RC
oscillator is enabled and selected as the 32
kHz clock source. The RC oscillator consumes
less power, but is less accurate than the
32.768 kHz crystal oscillator. Refer to Section
6.5 and 6.6 for characteristics of
these
oscillators.
The CLKCON.OSC32K bit selects the source of
the 32 kHz clock. This bit must only be
changed while using the HS RCOSC as the
system clock source. If CLKCON.OSC32K=1,
changing the system clock source to the HS
XOSC will initiate the calibration of the low
power RC oscillator. The calibration of the low
power RC oscillator is continuously performed
as long as CLKCON.OSC=0 and the device is
in active mode or PM0. The result of the
calibration is a RC clock running at 34.667 - 36
kHz for
CC1110Fx and 32 kHz for CC1111Fx.
The low power RCOSC calibration takes
approximately 2 ms. Except for the initial
calibration (first calibration after the HS XOSC
was set as source for the system clock
(CLKCON.OSC=0)),
a
calibration
will
be
aborted if one of the following actions is
initiated by SW:
a) Switching the clock source for the
system clock from HS XOSC to HS
RCOSC by setting CLKCON.OSC=1
b) Entering PM{1 - 3}.
If a) or b) is initiated during the initial
calibration, the calibration will complete before
a) or b) will take place (i.e., the HS XOSC will
continue as the clock source for the system
clock for up to 2 ms before the switching takes
place or PM{1 - 3} is entered). If a) or b) is
initiated
after
the
initial
calibration
has
completed, there will be a delay of typically
130 µs from SW initiates a) or b), until the
calibration is being aborted and the system
clock source is changed or PM{1 - 3} is
entered (see Figure 18).
Figure 18: Low Power RCOSC Calibration
Note: During the initial calibration a) or b)
can only be initiated once.
After the initial calibration has completed
and a) or b) is initiated, one must not try to
initiate a) or b) again within the next 130
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com