Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5631ADDFB Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R5F5631ADDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5631ADDFB Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R5F5631ADDFB Datasheet HTML 48Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 49Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 50Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 51Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 52Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 53Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 54Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 55Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 52 of 106
Dec 27, 2011
RX63N Group, RX631 Group
3. Address Space
Figure 3.1
Memory Map in Each Operating Mode
Reserved area*3
Reserved area*3
Reserved area*3
Reserved area*3
Reserved area*3
Reserved area*3
Reserved area*3
Reserved area*3
0000 0000h
0008 0000h
FFFF FFFFh
Single-chip mode*1
On-chip RAM*2
On-chip ROM (program ROM)
(read only)*2
0010 0000h
Peripheral I/O registers
0010 8000h
On-chip ROM (E2 data flash)
0080 0000h
0100 0000h
On-chip ROM (program ROM)
(write only)
FFE0 0000h
On-chip ROM (user boot)
(read only)
On-chip ROM (FCU firmware)
(read only)
FF00 0000h
FCU-RAM
Peripheral I/O registers
007F 8000h
007F A000h
007F C000h
007F C500h
007F FC00h
0002 0000h
00E0 0000h
Peripheral I/O registers
FEFF E000h
FF7F C000h
FF80 0000h
Reserved area*3
Reserved area*3
Reserved area*3
Reserved area*3
On-chip RAM*2
On-chip ROM (program ROM)
(read only)*3
Peripheral I/O registers
On-chip ROM (E2 data flash)
On-chip ROM (program ROM)
(write only)
Reserved area*3
FCU-RAM
Reserved area*3
Peripheral I/O registers
Reserved area*3
Peripheral I/O registers
Reserved area*3
External address space
(CS area)
0000 0000h
0008 0000h
On-chip ROM enabled
extended mode
0010 0000h
0010 8000h
0080 0000h
0100 0000h
0800 0000h
007F 8000h
007F A000h
007F C000h
007F C500h
007F FC00h
0002 0000h
00E0 0000h
FFFF FFFFh
FFE0 0000h
On-chip ROM (user boot)
(read only)
On-chip ROM (FCU firmware)
(read only)
FF00 0000h
FEFF E000h
FF7F C000h
FF80 0000h
1000 0000h
External address space
(SDRAM area)
Reserved area*3
On-chip RAM*2
External address space
(CS area)
Peripheral I/O registers
Reserved area*3
Reserved area*3
External address space
0000 0000h
0008 0000h
FFFF FFFFh
On-chip ROM disabled
extended mode
0010 0000h
0100 0000h
0800 0000h
FF00 0000h
0002 0000h
External address space
(SDRAM area)
1000 0000h
Note 1.
The address space in boot mode and user boot mode/USB boot mode is the same as the address space in single-chip mode.
Note 2.
The capacity of ROM/RAM differs depending on the products.
Note: • See Table 1.3, List of Products, for the product type name.
Note 3. Reserved areas should not be accessed.
Note 4. For details on the FCU, see section 45, ROM (Flash Memory for Code Storage) and section 46, E2 DataFlash Memory
(Flash Memory for Data Storage) in the User’s manual: Hardware.
ROM (byt)
RAM (byt)
Capacity
Address (for reading only)
Address (for programming only)
Capacity
Address
2 M
FFE0 0000h to FFFF FFFFh
00E0 0000h to 00FF FFFFh
128 K
0000 0000h ~ 0001 FFFFh
1.5 M
FFE8 0000h to FFFF FFFFh
00E8 0000h to 00FF FFFFh
1 M
FFF0 0000h to FFFF FFFFh
00F0 0000h to 00FF FFFFh
768 K
FFF4 0000h to FFFF FFFFh
00F4 0000h to 00FF FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com