Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5631ADDFB Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R5F5631ADDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5631ADDFB Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R5F5631ADDFB Datasheet HTML 53Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 54Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 55Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 56Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 57Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 58Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 59Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 60Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 57 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
0008 3812h
BSC
CS1 control register
CS1CR
16
16
1, 2 BCLK
0008 381Ah
BSC
CS1 recovery cycle register
CS1REC
16
16
1, 2 BCLK
0008 3822h
BSC
CS2 control register
CS2CR
16
16
1, 2 BCLK
0008 382Ah
BSC
CS2 recovery cycle register
CS2REC
16
16
1, 2 BCLK
0008 3832h
BSC
CS3 control register
CS3CR
16
16
1, 2 BCLK
0008 383Ah
BSC
CS3 recovery cycle register
CS3REC
16
16
1, 2 BCLK
0008 3842h
BSC
CS4 control register
CS4CR
16
16
1, 2 BCLK
0008 384Ah
BSC
CS4 recovery cycle register
CS4REC
16
16
1, 2 BCLK
0008 3852h
BSC
CS5 control register
CS5CR
16
16
1, 2 BCLK
0008 385Ah
BSC
CS5 recovery cycle register
CS5REC
16
16
1, 2 BCLK
0008 3862h
BSC
CS6 control register
CS6CR
16
16
1, 2 BCLK
0008 386Ah
BSC
CS6 recovery cycle register
CS6REC
16
16
1, 2 BCLK
0008 3872h
BSC
CS7 control register
CS7CR
16
16
1, 2 BCLK
0008 387Ah
BSC
CS7 recovery cycle register
CS7REC
16
16
1, 2 BCLK
0008 3880h
BSC
CS recovery cycle insertion enable register
CSRECEN
16
16
1, 2 BCLK
0008 3C00h
BSC
SDC control register
SDCCR
8
8
1, 2 BCLK
0008 3C01h
BSC
SDC mode register
SDCMOD
8
8
1, 2 BCLK
0008 3C02h
BSC
SDRAM access mode register
SDAMOD
8
8
1, 2 BCLK
0008 3C10h
BSC
SDRAM self-refresh control register
SDSELF
8
8
1, 2 BCLK
0008 3C14h
BSC
SDRAM refresh control register
SDRFCR
16
16
1, 2 BCLK
0008 3C16h
BSC
SDRAM auto-refresh control register
SDRFEN
8
8
1, 2 BCLK
0008 3C20h
BSC
SDRAM initialization sequence control register
SDICR
8
8
1, 2 BCLK
0008 3C24h
BSC
SDRAM initialization register
SDIR
16
16
1, 2 BCLK
0008 3C40h
BSC
SDRAM address register
SDADR
8
8
1, 2 BCLK
0008 3C44h
BSC
SDRAM timing register
SDTR
32
32
1, 2 BCLK
0008 3C48h
BSC
SDRAM mode register
SDMOD
16
16
1, 2 BCLK
0008 3C50h
BSC
SDRAM status register
SDSR
8
8
1, 2 BCLK
0008 7010h
ICU
Interrupt request register 016
IR016
8
8
2 ICLK
0008 7015h
ICU
Interrupt request register 021
IR021
8
8
2 ICLK
0008 7017h
ICU
Interrupt request register 023
IR023
8
8
2 ICLK
0008 701Bh
ICU
Interrupt request register 027
IR027
8
8
2 ICLK
0008 701Ch
ICU
Interrupt request register 028
IR028
8
8
2 ICLK
0008 701Dh
ICU
Interrupt request register 029
IR029
8
8
2 ICLK
0008 701Eh
ICU
Interrupt request register 030
IR030
8
8
2 ICLK
0008 701Fh
ICU
Interrupt request register 031
IR031
8
8
2 ICLK
0008 7020h
ICU
Interrupt request register 032
IR032
8
8
2 ICLK
0008 7021h
ICU
Interrupt request register 033
IR033
8
8
2 ICLK
0008 7022h
ICU
Interrupt request register 034
IR034
8
8
2 ICLK
0008 7023h
ICU
Interrupt request register 035
IR035
8
8
2 ICLK
0008 7024h
ICU
Interrupt request register 036
IR036
8
8
2 ICLK
0008 7025h
ICU
Interrupt request register 037
IR037
8
8
2 ICLK
0008 7026h
ICU
Interrupt request register 038
IR038
8
8
2 ICLK
0008 7027h
ICU
Interrupt request register 039
IR039
8
8
2 ICLK
0008 7028h
ICU
Interrupt request register 040
IR040
8
8
2 ICLK
0008 7029h
ICU
Interrupt request register 041
IR041
8
8
2 ICLK
0008 702Ah
ICU
Interrupt request register 042
IR042
8
8
2 ICLK
0008 702Bh
ICU
Interrupt request register 043
IR043
8
8
2 ICLK
0008 702Ch
ICU
Interrupt request register 044
IR044
8
8
2 ICLK
0008 702Dh
ICU
Interrupt request register 045
IR045
8
8
2 ICLK
0008 702Eh
ICU
Interrupt request register 046
IR046
8
8
2 ICLK
0008 702Fh
ICU
Interrupt request register 047
IR047
8
8
2 ICLK
0008 7030h
ICU
Interrupt request register 048
IR048
8
8
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (4/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com