Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5631ADDFB Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F5631ADDFB
Description  Renesas MCUs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5631ADDFB Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F5631ADDFB Datasheet HTML 85Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 86Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 87Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 88Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 89Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 90Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 91Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 92Page - Renesas Technology Corp R5F5631ADDFB Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
R01DS0098EJ0090 Rev.0.90
Page 89 of 106
Dec 27, 2011
RX63N Group, RX631 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
000A 001Ch
USB0
D1FIFO port register
D1FIFO
16
8, 16
3 to 4 PCLKB
2, 3 ICLK
000A 0020h
USB0
CFIFO port select register
CFIFOSEL
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 0022h
USB0
CFIFO port control register
CFIFOCTR
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 0028h
USB0
D0FIFO port select register
D0FIFOSEL
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 002Ah
USB0
D0FIFO port control register
D0FIFOCTR
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 002Ch
USB0
D1FIFO port select register
D1FIFOSEL
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 002Eh
USB0
D1FIFO port control register
D1FIFOCTR
16
16
3 to 4 PCLKB
2, 3 ICLK
000A 0030h
USB0
Interrupt status register 0
INTENB0
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0032h
USB0
Interrupt status register 1
INTENB1
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0036h
USB0
BRDY interrupt status register
BRDYENB
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0038h
USB0
NRDY interrupt status register
NRDYENB
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 003Ah
USB0
BEMP interrupt status register
BEMPENB
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 003Ch
USB0
SOF output configuration register
SOFCFG
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0040h
USB0
Interrupt status register 0
INTSTS0
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0042h
USB0
Interrupt status register 1
INTSTS1
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0046h
USB0
BRDY interrupt status register
BRDYSTS
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 0048h
USB0
NRDY interrupt status register
NRDYSTS
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
000A 004Ah
USB0
BEMP interrupt status register
BEMPSTS
16
16
9 PCLKB or more
Rounded up to
the nearest
integer greater
than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*6
Table 4.1
List of I/O Registers (Address Order) (36/44)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK<PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com